Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8V19N882 Datasheet (PDF) - Renesas Technology Corp

8V19N882 Datasheet PDF - Renesas Technology Corp
Part # 8V19N882
Download  8V19N882 Download
File Size   1551.4 Kbytes
Page   92 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RF Sampling Clock Generator and Jitter Attenuator

8V19N882 Datasheet (PDF)

Go To PDF Page Download Datasheet
8V19N882 Datasheet PDF - Renesas Technology Corp

Part # 8V19N882
Download  8V19N882 Click to download

File Size   1551.4 Kbytes
Page   92 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RF Sampling Clock Generator and Jitter Attenuator

8V19N882 Datasheet (HTML) - Renesas Technology Corp


8V19N882 Product details

The 8V19N882 is a fully integrated FemtoClock® RF
Sampling Clock Generator and Jitter Attenuator. The
device is designed as a high-performance clock
solution for conditioning and frequency/phase
management of wireless base station radio
equipment boards. The 8V19N882 is optimized to
deliver excellent phase noise performance as
required in 4G, 5G, and including mmWave radio
implementations. The device supports JESD204B
(subclass 0 and 1) and JESD204C.
A two-stage PLL architecture supports both jitter
attenuation and frequency multiplication. The first
stage PLL is the jitter attenuator and uses an external
VCXO for best possible phase noise characteristics.
The second stage PLL locks on the first PLL output
signal and synthesizes the target frequency. The
second stage PLL can use the internal or an external
high-frequency VCO.
The 8V19N882 generates the high-frequency clocks
and the low-frequency synchronization signals
(SYSREF) from the selected VCO. SYSREF signals
are internally synchronized to the clock signals. The
integrated signal delay blocks can be used to achieve
phase alignment, controlled phase offsets between
system reference and clock signals, and to
align/delay individual output signals. The two
redundant inputs are monitored for activity. Four
selectable clock switching modes can handle clock
input failure scenarios. Auto-lock, individually
programmable output frequency dividers, and phase
adjustment capabilities are added for flexibility.
The 8V19N882 is configured through a 3/4-wire SPI
interface and reports lock and signal loss status in
internal registers and via the GPIO[1:0] outputs.
Internal status bit changes can also be reported via a
GPIO output.

Features
▪ High-performance clock RF sampling clock
generator and clock jitter attenuator with support
for JESD204B/C
▪ Low phase noise: -144.7dBc/Hz (800kHz offset;
491.52MHz)
▪ Integrated phase noise of 74fs RMS (12k-20MHz,
491.52MHz)
▪ Dual-PLL architecture with internal and optional
external VCO
▪ Eight output channels with a total of 16 outputs
▪ Configurable integer clock frequency dividers
▪ Clock output frequencies: up to 3932.16MHz
(Internal VCO) and  6GHz (optional external VCO)
▪ Differential, low noise I/O
▪ Deterministic phase delay and integrated phase
delay circuits
▪ Redundant input clock architecture with two inputs
and monitors, holdover, and input switching
▪ SPI 3/4 wire configuration interface
▪ Supply voltage: 1.8V, 2.5V, and 3.3V
▪ Package: 76 VFQFN (9 x 9 mm²)
▪ Temperature range: -40°C to +105°C (board)

Applications
▪ Wireless infrastructure applications: 4G, 5G, and
mmWave
▪ Data acquisition: jitter-sensitive ADC and DAC
circuits
▪ Radar, imaging, instrumentation, and medical




Similar Part No. - 8V19N882

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V19N882 RENESAS-8V19N882 Datasheet
1Mb / 91P
RF Sampling Clock Generator and Jitter Attenuator
Rev.1.1 Mar.11.21
8V19N882NVGI RENESAS-8V19N882NVGI Datasheet
1Mb / 91P
RF Sampling Clock Generator and Jitter Attenuator
Rev.1.1 Mar.11.21
8V19N882NVGI/W RENESAS-8V19N882NVGI/W Datasheet
1Mb / 91P
RF Sampling Clock Generator and Jitter Attenuator
Rev.1.1 Mar.11.21
8V19N882NVGI8 RENESAS-8V19N882NVGI8 Datasheet
1Mb / 91P
RF Sampling Clock Generator and Jitter Attenuator
Rev.1.1 Mar.11.21
8V19N882 RENESAS-8V19N882_V01 Datasheet
1Mb / 91P
RF Sampling Clock Generator and Jitter Attenuator
Rev.1.1 Mar.11.21
More results


Similar Description - 8V19N882

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS2059-02 ICST-ICS2059-02 Datasheet
210Kb / 11P
Clock Multiplier and Jitter Attenuator
Revision 031605
logo
Integrated Device Techn...
ICS843002I-72 IDT-ICS843002I-72 Datasheet
300Kb / 18P
FEMTOCLOCKS??VCXO BASED WCDMA CLOCK GENERATOR/JITTER ATTENUATOR
logo
Analog Devices
CN-0109 AD-CN-0109 Datasheet
121Kb / 3P
Low Jitter Sampling Clock Generator for High Performance ADCs
REV. 0
AD9523 AD-AD9523 Datasheet
1,011Kb / 60P
Jitter Cleaner and Clock Generator
9/15-Rev. C to Rev. D
AD9523-1 AD-AD9523-1 Datasheet
1Mb / 63P
Low Jitter Clock Generator
9/15-Rev. B to Rev. C
AD9524 AD-AD9524_15 Datasheet
973Kb / 56P
Jitter Cleaner and Clock Generator
9/15-Rev. E to Rev. F
logo
Renesas Technology Corp
8V19N880 RENESAS-8V19N880 Datasheet
1Mb / 89P
RF Sampling Clock Generator and Jitter Attenuator
Rev.1.1 Mar.11.21
RC32012A RENESAS-RC32012A Datasheet
2Mb / 66P
FemtoClock Jitter Attenuator and Clock Generator
Sep 15, 2022
RC32112A RENESAS-RC32112A Datasheet
2Mb / 65P
FemtoClock Jitter Attenuator and Clock Generator
Oct 3, 2022
RC32508A RENESAS-RC32508A Datasheet
1Mb / 38P
FemtoClock 2 Jitter Attenuator and Clock Generator
Sep 23, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com