Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RC32112A Datasheet (PDF) - Renesas Technology Corp

RC32112A Datasheet PDF - Renesas Technology Corp
Part # RC32112A
Download  RC32112A Download
File Size   2926.57 Kbytes
Page   65 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock Jitter Attenuator and Clock Generator

RC32112A Datasheet (PDF)

Go To PDF Page Download Datasheet
RC32112A Datasheet PDF - Renesas Technology Corp

Part # RC32112A
Download  RC32112A Click to download

File Size   2926.57 Kbytes
Page   65 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock Jitter Attenuator and Clock Generator

RC32112A Datasheet (HTML) - Renesas Technology Corp


RC32112A Product details

Features
▪ Can be configured as clock generator or jitter
attenuator/synchronizer
▪ Low power, less than 1.4W typical
▪ Low jitter, less than 100 fs-RMS
▪ Compliant with ITU-T G.8262 and G.8262.1
option 1 and 2 for synchronous Ethernet
Equipment Clock (EEC/eEEC) without degrading
output jitter
▪ PCIe Gen 1-6 CC, SRIS, and SRNS support
▪ Jitter attenuation with programmable loop
bandwidth from 0.1Hz to 12kHz
▪ Up to six fractional output dividers and 12 integer
output dividers
• Each fractional output divider can be slaved with
DPLL or SYS-DPLL or free-run locked to APLL
▪ DPLL can be configured as DCO and each
fractional output divider can be configured as NCO
or DCO
▪ Combo bus allows frequency sharing between
DPLL, System DPLL, and each of the four
fractional output dividers
▪ LVCMOS, LVPECL, LVDS, HCSL, CML, SSTL,
HSTL output modes supported with programmable
output swing and common mode voltage
▪ JESD204B/C support on differential or single
ended outputs with DC-coupling or AC-coupling
▪ Up to 13 single-ended or five differential clock
inputs, one crystal/XO input, and one
XO/TCXO/OCXO input
▪ Up to nine GPIO pins programmable to device
select or system monitor options
▪ Supports 1MHz I2C, 400kHz SMBus, or 50MHz
SPI serial port
▪ Internal non-volatile memory (up to 16 different
configurations), or external serial I2C EEPROM
provide default device settings on power-up.
▪ 2.5V and 3.3V core and 1.8V, 2.5V, and 3.3V
output operation
▪ -40° to +85°C industrial temperature operation




Similar Part No. - RC32112A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RC32112ADDDGN2#BB0 RENESAS-RC32112ADDDGN2#BB0 Datasheet
2Mb / 64P
FemtoClock Network Synchronizer, Jitter Attenuator and Clock Generator
Rev.1.04 Jan 10, 2025
RC32112ADDDGN2#KB0 RENESAS-RC32112ADDDGN2#KB0 Datasheet
2Mb / 64P
FemtoClock Network Synchronizer, Jitter Attenuator and Clock Generator
Rev.1.04 Jan 10, 2025
RC32112A RENESAS-RC32112A_V01 Datasheet
2Mb / 64P
FemtoClock Network Synchronizer, Jitter Attenuator and Clock Generator
Rev.1.04 Jan 10, 2025
More results


Similar Description - RC32112A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V19N472 RENESAS-8V19N472 Datasheet
1Mb / 78P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 7, 2017
8V19N474 RENESAS-8V19N474 Datasheet
1Mb / 65P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
May 15, 2018
8V19N490-19 RENESAS-8V19N490-19 Datasheet
1Mb / 79P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 27, 2017
8V19N490 RENESAS-8V19N490 Datasheet
1Mb / 84P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 26, 2017
8V19N490B RENESAS-8V19N490B Datasheet
2Mb / 78P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
May 18, 2021
8V19N491-36 RENESAS-8V19N491-36 Datasheet
2Mb / 76P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 5, 2020
8V19N492 RENESAS-8V19N492 Datasheet
2Mb / 77P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 10, 2022
8V44N4614 RENESAS-8V44N4614 Datasheet
943Kb / 32P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
02/25/15
RC32012A RENESAS-RC32012A Datasheet
2Mb / 66P
FemtoClock Jitter Attenuator and Clock Generator
Sep 15, 2022
RC32508A RENESAS-RC32508A Datasheet
1Mb / 38P
FemtoClock 2 Jitter Attenuator and Clock Generator
Sep 23, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com