Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8V19N472 Datasheet (PDF) - Renesas Technology Corp

8V19N472 Datasheet PDF - Renesas Technology Corp
Part # 8V19N472
Download  8V19N472 Download
File Size   1356.63 Kbytes
Page   78 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Jitter Attenuator and Clock Synthesizer

8V19N472 Datasheet (PDF)

Go To PDF Page Download Datasheet
8V19N472 Datasheet PDF - Renesas Technology Corp

Part # 8V19N472
Download  8V19N472 Click to download

File Size   1356.63 Kbytes
Page   78 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Jitter Attenuator and Clock Synthesizer

8V19N472 Datasheet (HTML) - Renesas Technology Corp


8V19N472 Product details

Description
The 8V19N472 is a fully integrated FemtoClock NG Jitter Attenuator
and Clock Synthesizer designed as a high-performance clock
solution for conditioning and frequency/phase management of
wireless base station radio equipment boards. The device is
optimized to deliver excellent phase noise performance as required
in GSM, WCDMA, LTE, and LTE-A radio board implementations.
A two-stage PLL architecture supports both jitter attenuation and
frequency multiplication. The first stage PLL is the jitter attenuator
and uses an external VCXO for best possible phase noise
characteristics. The second stage PLL locks on the VCXO-PLL
output signal and synthesizes the target frequency. This PLL has two
VCO circuits at 2949.12MHz and 2400–2500MHz, respectively, for
enhanced frequency flexibility.
The device generates the output clock signals from the selected
VCO by frequency division. Five independent frequency dividers are
available, four support integer-divider ratios and one integer as well
as fractional-divider ratios. Delay circuits can be used for achieving
alignment and controlled phase delay between clock signals. The
two redundant inputs are monitored for activity. Four selectable clock
switching modes are provided to handle clock input failure scenarios.
Auto-lock, individually programmable output frequency dividers, and
phase adjustment capabilities are added for flexibility.
The 8V19N472 is configured through an SPI interface and reports
lock and signal loss status in internal registers and via a lock detect
(LOCK) output. Internal status bit changes can also be reported via
the nINT output. The device is ideal for driving converter circuits in
wireless infrastructure, radar/imaging, and instrumentation/medical
applications. The device is a member of the high-performance clock
family from IDT.

Features
▪ High-performance clock RF-PLL
▪ Optimized for low phase noise: <-150dBc/Hz (1MHz offset;
245.76MHz clock)
▪ Dual-PLL architecture
— 1st-PLL stage with external VCXO for clock jitter attenuation
— 2nd-PLL stage with internal FemtoClockNG PLL at selectable
2949.12MHz and MHz (2400–2500MHz) VCO frequency
▪ Six output banks with a total of 12 outputs, organized in:
— Two clock banks with one integer frequency divider and three
differential outputs
— Two clock banks with one integer frequency divider and two
differential outputs
— One clock bank with one fractional output divider and one
differential output
— One VCXO-PLL output bank with one selectable LVDS/two
LVCMOS outputs
▪ Supported clock output frequencies include:
— From VCO-0: 2949.12, 1474.56, 983.04, 491.52, 368.64,
122.88MHz
— From VCO-1: 2457.6, 1228.8, 614.4, 307.2, 153.6, 76.8MHz
— From the fractional output divider: 80 – 300MHz
▪ Clock channels with integer output divider contain a phase delay
circuit with 512 steps of half of the selected VCO period
▪ Low-power LVPECL/LVDS outputs support configurable signal
amplitude, DC and AC coupling and LVPECL, LVDS line
terminations techniques
▪ Redundant input clock architecture
— Two inputs with an individual input signal monitor
— Digital holdover
— Manual and automatic clock selection
— Hitless switching
▪ Status monitoring and fault reporting
— Input signal status
— Hold-over and reference loss status
— Lock status with one status pin
— Maskable status interrupt pin
▪ Voltage supply:
— Device core supply voltage: 3.3V
— Output supply voltage: 3.3V, 2.5V, or 1.8V
— SPI control I/O voltage: 1.8V or 3.3V (selectable),
3.3V tolerant inputs when set to 1.8V
▪ Package: 81-FPBGA (8  8mm, 0.8 mm ball pitch)
▪ Temperature range: -40°C to +85°C




Similar Part No. - 8V19N472

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8V19N472 IDT-8V19N472 Datasheet
1Mb / 77P
FemtoClock NG Jit ter At tenuator and Clock Synthesizer
8V19N472BFGI IDT-8V19N472BFGI Datasheet
1Mb / 77P
FemtoClock NG Jit ter At tenuator and Clock Synthesizer
8V19N472BFGI8 IDT-8V19N472BFGI8 Datasheet
1Mb / 77P
FemtoClock NG Jit ter At tenuator and Clock Synthesizer
More results


Similar Description - 8V19N472

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V19N492-39 RENESAS-8V19N492-39 Datasheet
2Mb / 73P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
December 11, 2020
8V19N470 RENESAS-8V19N470 Datasheet
1Mb / 82P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 20, 2017
8V19N474 RENESAS-8V19N474 Datasheet
1Mb / 65P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
May 15, 2018
8V19N478 RENESAS-8V19N478 Datasheet
1Mb / 68P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
May 15, 2018
8V19N490-19 RENESAS-8V19N490-19 Datasheet
1Mb / 79P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 27, 2017
8V19N490 RENESAS-8V19N490 Datasheet
1Mb / 84P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 26, 2017
8V19N490B RENESAS-8V19N490B Datasheet
2Mb / 78P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
May 18, 2021
8V19N491-36 RENESAS-8V19N491-36 Datasheet
2Mb / 76P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 5, 2020
8V19N492 RENESAS-8V19N492 Datasheet
2Mb / 77P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 10, 2022
8V44N4614 RENESAS-8V44N4614 Datasheet
943Kb / 32P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
02/25/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com