Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8V19N492 Datasheet (PDF) - Renesas Technology Corp

8V19N492 Datasheet PDF - Renesas Technology Corp
Part # 8V19N492
Download  8V19N492 Download
File Size   2297.86 Kbytes
Page   77 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Jitter Attenuator and Clock Synthesizer

8V19N492 Datasheet (PDF)

Go To PDF Page Download Datasheet
8V19N492 Datasheet PDF - Renesas Technology Corp

Part # 8V19N492
Download  8V19N492 Click to download

File Size   2297.86 Kbytes
Page   77 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Jitter Attenuator and Clock Synthesizer

8V19N492 Datasheet (HTML) - Renesas Technology Corp


8V19N492 Product details

Description
The 8V19N492 is a fully integrated FemtoClock NG jitter
attenuator and clock synthesizer designed as a high-performance
clock solution for conditioning and frequency/phase management
of wireless base station radio equipment boards. The device is
optimized to deliver excellent phase noise performance as
required in GSM, WCDMA, LTE, and LTE-A radio board
implementations. The device supports JESD204B subclass 0 and
1 clocks.
A two-stage PLL architecture supports both jitter attenuation and
frequency multiplication. The first stage PLL is the jitter attenuator
and uses an external VCXO for best possible phase noise
characteristics. The second stage PLL locks on the VCXO-PLL
output signal and synthesizes the target frequency.
The device supports the clock generation of high-frequency clocks
from the selected VCO and low-frequency synchronization signals
(SYSREF). SYSREF signals are internally synchronized to the
clock signals. Delay functions exist for achieving alignment and
controlled phase delay between system reference and clock
signals and to align/delay individual output signals. The four
redundant inputs are monitored for activity. Four selectable clock
switching modes are provided to handle clock input failure
scenarios. Auto-lock, individually programmable output frequency
dividers, and phase adjustment capabilities are added for
flexibility.
The device is configured through a three-wire SPI interface and
reports lock and signal loss status in internal registers and via a
lock detect (LOCK) output. Internal status bit changes can also be
reported via the nINT output. The 8V19N492 is ideal for driving
converter circuits in wireless infrastructure, radar/imaging, and
instrumentation/medical applications. The device is a member of
the high-performance clock family from Renesas.

Features
▪ High-performance clock RF-PLL with support for JESD204B
▪ Optimized for low phase noise: -150dBc/Hz (800kHz offset;
245.76MHz clock)
▪ Integrated phase noise of 80fs RMS typical (12kHz–20MHz).
▪ Dual-PLL architecture
▪ 1st-PLL stage with external VCXO for clock jitter attenuation
▪ 2nd-PLL with internal FemtoClockNG PLL: 2949.12MHz
▪ Six output channels with a total of 16 outputs, organized in:
• Four JESD204B channels (device clock and SYSREF
output) with two, four and five outputs
• One clock channel with two outputs
• One VCXO output
▪ Configurable integer clock frequency dividers
▪ Supported clock output frequencies include: 2949.12, 1474.56,
983.04, 491.52, 245.76, and 122.88 MHz
▪ Low-power LVPECL/LVDS outputs support configurable signal
amplitude, DC and AC coupling and LVPECL, LVDS line
terminations techniques
▪ Phase delay circuits
• Clock phase delay with 256 steps of 339ps and a range of
0 to 86.466 ns
• Individual SYSREF phase delay with 8 steps of 169ps
• Additional individual SYSREF fine phase delay with 25ps
steps
• Global SYSREF signal delay with 256 steps of 339ps and a
range of 0 to 86.466 ns
▪ Redundant input clock architecture with two inputs and
• Input activity monitoring
• Manual and automatic, fault-triggered clock selection modes
• Priority controlled clock selection
• Digital holdover and hitless switching
• Differential inputs accept LVDS and LVPECL signals
▪ SYSREF generation modes include internal and external
trigger mode for JESD204B
▪ Supply voltage: 3.3V
▪ SPI and control I/O voltage: 1.8V/3.3V (Selectable)
▪ Package: 10 x 10 mm 88-VFQFPN
▪ Temperature range: -40°C to +105°C (Case)




Similar Part No. - 8V19N492

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V19N492 RENESAS-8V19N492 Datasheet
2Mb / 76P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 10, 2022
8V19N492-39 RENESAS-8V19N492-39 Datasheet
2Mb / 73P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
December 11, 2020
8V19N492-39NLGI RENESAS-8V19N492-39NLGI Datasheet
2Mb / 73P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
December 11, 2020
8V19N492-39NLGI8 RENESAS-8V19N492-39NLGI8 Datasheet
2Mb / 73P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
December 11, 2020
8V19N492NLGI RENESAS-8V19N492NLGI Datasheet
2Mb / 76P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 10, 2022
More results


Similar Description - 8V19N492

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V19N492-39 RENESAS-8V19N492-39 Datasheet
2Mb / 73P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
December 11, 2020
8V19N470 RENESAS-8V19N470 Datasheet
1Mb / 82P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 20, 2017
8V19N472 RENESAS-8V19N472 Datasheet
1Mb / 78P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 7, 2017
8V19N474 RENESAS-8V19N474 Datasheet
1Mb / 65P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
May 15, 2018
8V19N478 RENESAS-8V19N478 Datasheet
1Mb / 68P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
May 15, 2018
8V19N490-19 RENESAS-8V19N490-19 Datasheet
1Mb / 79P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 27, 2017
8V19N490 RENESAS-8V19N490 Datasheet
1Mb / 84P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 26, 2017
8V19N490B RENESAS-8V19N490B Datasheet
2Mb / 78P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
May 18, 2021
8V19N491-36 RENESAS-8V19N491-36 Datasheet
2Mb / 76P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 5, 2020
8V44N4614 RENESAS-8V44N4614 Datasheet
943Kb / 32P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
02/25/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com