Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8V19N474 Datasheet (PDF) - Renesas Technology Corp

8V19N474 Datasheet PDF - Renesas Technology Corp
Part # 8V19N474
Download  8V19N474 Download
File Size   1130.43 Kbytes
Page   65 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Jitter Attenuator and Clock Synthesizer

8V19N474 Datasheet (PDF)

Go To PDF Page Download Datasheet
8V19N474 Datasheet PDF - Renesas Technology Corp

Part # 8V19N474
Download  8V19N474 Click to download

File Size   1130.43 Kbytes
Page   65 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description FemtoClock® NG Jitter Attenuator and Clock Synthesizer

8V19N474 Datasheet (HTML) - Renesas Technology Corp


8V19N474 Product details

Description
The 8V19N474 is a fully integrated FemtoClock NG Jitter Attenuator
and Clock Synthesizer designed as a high-performance clock
solution for conditioning and frequency/phase management of
10/40/100/400 Gigabit-Ethernet line cards. The device delivers
excellent phase noise performance as required to drive physical
layer devices, and provides the clean clock frequencies
(e.g., 625MHz, 500MHz, 312.5MHz, 250MHz, 156.25MHz, and
125MHz).
A two-stage PLL architecture supports both jitter attenuation and
frequency multiplication. The first stage PLL is the jitter attenuator
and uses an external VCXO for best possible phase noise
characteristics. The second stage PLL locks on the VCXO-PLL
output signal and synthesizes the target frequency. This PLL has a
VCO circuit at 2500MHz.
The 8V19N474 generates the output clock signals from the VCO by
frequency division. Five independent frequency dividers are
available: four support integer-divider ratios and one integer as well
as fractional-divider ratios. Delay circuits can be used for achieving
alignment and controlled phase delay between clock signals. The
two redundant inputs are monitored for activity.
Four selectable clock switching modes are provided to handle clock
input failure scenarios. Auto-lock, individually programmable output
frequency dividers, and phase adjustment capabilities are added for
additional flexibility. The 8V19N474 is configured through an SPI
interface and reports lock and signal loss status in internal registers
and via a lock detect (LOCK) output. Internal status bit changes can
also be reported via the nINT output. The device is ideal for driving
converter circuits in wireless infrastructure, radar/imaging, and
instrumentation/medical applications. The device is a member of the
high-performance clock family from IDT.

Features
▪ High-performance clock RF-PLL
— Optimized for low phase noise: -153dBc/Hz (1MHz offset;
156.25MHz clock)
— Integrated phase noise (12kHz–20MHz) of 75fs RMS typical
▪ Dual-PLL architecture
— 1st-PLL stage with external VCXO for clock jitter attenuation
— 2nd-PLL stage with internal FemtoClock NG PLL at 2500MHz
▪ 6 output banks with a total of 12 outputs, organized in:
— Two clock banks with one integer frequency divider and three
differential outputs
— Two clock banks with one integer frequency divider and two
differential outputs
— One clock bank with one fractional output divider and one
differential output
— One VCXO-PLL output bank with one selectable LVDS/two
LVCMOS outputs
▪ Four output banks contain a phase delay circuit with steps of the
VCO clock period (400ps)
▪ Supported clock output frequencies include:
— From the integer dividers: 2500MHz, 1250MHz, 625MHz,
500MHz, 312.5MHz, 250MHz, 156.25MHz, and 125MHz
— From the fractional divider: 80–300MHz
▪ Low-power LVPECL/LVDS outputs support configurable signal
amplitude, DC and AC coupling and LVPECL, LVDS line
terminations techniques
▪ Redundant input clock architecture
— Two inputs
— Individual input signal monitor
— Digital holdover
— Manual and automatic clock selection
— Hitless switching
▪ Status monitoring and fault reporting
— Input signal status
— Holdover and reference loss status
— Lock status with one status pin
— Maskable status interrupt pin
▪ Voltage supply:
— Device core supply voltage: 3.3V
— Output supply voltage: 3.3V, 2.5V, or 1.8V
— SPI control I/O voltage: 1.8V or 3.3V (selectable),
3.3V tolerant inputs when set to 1.8V
▪ Package: 8 × 8 mm 81-FPBGA, RoHS 6/6
▪ Temperature range: -40°C to +85°C




Similar Part No. - 8V19N474

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V19N470 RENESAS-8V19N470 Datasheet
1Mb / 82P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 20, 2017
logo
Integrated Device Techn...
8V19N472 IDT-8V19N472 Datasheet
1Mb / 77P
FemtoClock NG Jit ter At tenuator and Clock Synthesizer
logo
Renesas Technology Corp
8V19N472 RENESAS-8V19N472 Datasheet
1Mb / 78P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 7, 2017
logo
Integrated Device Techn...
8V19N472BFGI IDT-8V19N472BFGI Datasheet
1Mb / 77P
FemtoClock NG Jit ter At tenuator and Clock Synthesizer
8V19N472BFGI8 IDT-8V19N472BFGI8 Datasheet
1Mb / 77P
FemtoClock NG Jit ter At tenuator and Clock Synthesizer
More results


Similar Description - 8V19N474

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8V19N492-39 RENESAS-8V19N492-39 Datasheet
2Mb / 73P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
December 11, 2020
8V19N470 RENESAS-8V19N470 Datasheet
1Mb / 82P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 20, 2017
8V19N472 RENESAS-8V19N472 Datasheet
1Mb / 78P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 7, 2017
8V19N478 RENESAS-8V19N478 Datasheet
1Mb / 68P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
May 15, 2018
8V19N490-19 RENESAS-8V19N490-19 Datasheet
1Mb / 79P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 27, 2017
8V19N490 RENESAS-8V19N490 Datasheet
1Mb / 84P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
July 26, 2017
8V19N490B RENESAS-8V19N490B Datasheet
2Mb / 78P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
May 18, 2021
8V19N491-36 RENESAS-8V19N491-36 Datasheet
2Mb / 76P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 5, 2020
8V19N492 RENESAS-8V19N492 Datasheet
2Mb / 77P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
November 10, 2022
8V44N4614 RENESAS-8V44N4614 Datasheet
943Kb / 32P
FemtoClock® NG Jitter Attenuator and Clock Synthesizer
02/25/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com