Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1005190F0 Datasheet (PDF) - AVX Corporation

1005190F0 Datasheet PDF - AVX Corporation
Part # 1005190F0
Download  1005190F0 Download
File Size   842.27 Kbytes
Page   5 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description UWB FPC Embedded Antenna

1005190F0 Datasheet (PDF)

Go To PDF Page Download Datasheet
1005190F0 Datasheet PDF - AVX Corporation

Part # 1005190F0
Download  1005190F0 Click to download

File Size   842.27 Kbytes
Page   5 Pages
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation
Description UWB FPC Embedded Antenna

1005190F0 Datasheet (HTML) - AVX Corporation


1005190F0 Product details

APPLICATIONS
• Embedded design
• Radar
• Gateway,Access Point
• Handheld
• Telematics
• Tracking
• Healthcare
• M2M , Industrial devices
• Smart Grid
• OBD-II




Similar Part No. - 1005190F0

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
1005192 SILABS-1005192 Datasheet
134Kb / 1P
Added Freeze M procedure on page 14 for preventing output clock changes
logo
FCI connector
10051922 FCI-CONNECTOR-10051922 Datasheet
700Kb / 5P
ASSEMBLY 0.5mm PITCH CONNECTOR FOR FPC VLL SERIES
10051922-0810EHLF FCI-CONNECTOR-10051922-0810EHLF Datasheet
188Kb / 18P
OPU SERIES 0.5mm Pitch
10051922-0810ELF FCI-CONNECTOR-10051922-0810ELF Datasheet
188Kb / 18P
OPU SERIES 0.5mm Pitch
logo
List of Unclassifed Man...
10051922-081LF ETC2-10051922-081LF Datasheet
700Kb / 5P
ASSEMBLY 0.5MM PITCH CONNECTOR FOR FPC VLL SERIES
More results


Similar Description - 1005190F0

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
DCA-E03 MITSUMI-DCA-E03 Datasheet
44Kb / 2P
Small UWB Antenna
logo
Johanson Technology Inc...
7000AT18A1600 JOHANSON-7000AT18A1600 Datasheet
510Kb / 5P
7GHz Mini UWB Antenna
logo
Pulse A Technitrol Comp...
W3961XXXXX PULSE-W3961XXXXX Datasheet
923Kb / 7P
CBRS FPC Antenna FPC Antenna
logo
AVX Corporation
1002289 AVX-1002289 Datasheet
1Mb / 6P
LTE/Cellular Wide Band FPC Embedded Antenna
9/27/2021
1002292 AVX-1002292 Datasheet
779Kb / 4P
LTE/Cellular FPC Embedded Antenna
9/17/2021
1003893FT AVX-1003893FT Datasheet
656Kb / 5P
BT Tunable FPC 2.4 GHz Embedded Antenna
9/27/2021
1005188F0 AVX-1005188F0 Datasheet
2Mb / 5P
UWB FPC Embedded Antenna
1/7/2020
1005460F0 AVX-1005460F0 Datasheet
1Mb / 11P
5G/4G Wide Band FPC Embedded Antenna
11/8/2022 Rev 3.
9001169 AVX-9001169 Datasheet
1Mb / 7P
GPS FPC Embedded Antenna with LNA
9/30/2021
9001815F0 AVX-9001815F0 Datasheet
1Mb / 10P
5G & NB-IoT FPC embedded Antenna
7/8/2022
More results




About AVX Corporation


AVX Corporation is an American electronic component manufacturer that specializes in the design, development, and manufacture of passive electronic components, including capacitors, resistors, filters, and connectors. The company was founded in 1972 and is headquartered in Fountain Inn, South Carolina.

AVX Corporation's products are used in a wide range of industries, including automotive, telecommunications, consumer electronics, and medical devices. The company's product portfolio includes a variety of passive electronic components, such as ceramic capacitors, tantalum capacitors, film capacitors, and thin film resistors.

AVX Corporation is committed to quality and innovation, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and quality control processes ensure that its products meet the highest standards of performance and reliability.

Today, AVX Corporation is recognized as a leading manufacturer of passive electronic components, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the electronic component industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com