Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10051922 Datasheet (PDF) - FCI connector

10051922 Datasheet PDF - FCI connector
Part # 10051922
Download  10051922 Download
File Size   700.6 Kbytes
Page   5 Pages
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector
Description ASSEMBLY 0.5mm PITCH CONNECTOR FOR FPC VLL SERIES

10051922 Datasheet (PDF)

Go To PDF Page Download Datasheet
10051922 Datasheet PDF - FCI connector

Part # 10051922
Download  10051922 Click to download

File Size   700.6 Kbytes
Page   5 Pages
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector
Description ASSEMBLY 0.5mm PITCH CONNECTOR FOR FPC VLL SERIES

10051922 Datasheet (HTML) - FCI connector




Similar Part No. - 10051922

ManufacturerPart #DatasheetDescription
logo
FCI connector
10051922-0810EHLF FCI-CONNECTOR-10051922-0810EHLF Datasheet
188Kb / 18P
OPU SERIES 0.5mm Pitch
10051922-0810ELF FCI-CONNECTOR-10051922-0810ELF Datasheet
188Kb / 18P
OPU SERIES 0.5mm Pitch
logo
List of Unclassifed Man...
10051922-081LF ETC2-10051922-081LF Datasheet
700Kb / 5P
ASSEMBLY 0.5MM PITCH CONNECTOR FOR FPC VLL SERIES
logo
FCI connector
10051922-1010EHLF FCI-CONNECTOR-10051922-1010EHLF Datasheet
188Kb / 18P
OPU SERIES 0.5mm Pitch
10051922-1010ELF FCI-CONNECTOR-10051922-1010ELF Datasheet
188Kb / 18P
OPU SERIES 0.5mm Pitch
More results


Similar Description - 10051922

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH17-10S-0.5SH HIROSE-FH17-10S-0.5SH Datasheet
345Kb / 10P
Low Profile 0.5mm Pitch Connectors For FPC
logo
FCI connector
62674 FCI-CONNECTOR-62674 Datasheet
1Mb / 10P
0.5MM FPC/FFC SMT CONNECTOR USED FOR FPC/FFC WITH 0.5MM CONTACK SPACING
logo
List of Unclassifed Man...
10051922-1810ELF ETC2-10051922-1810ELF Datasheet
700Kb / 5P
ASSEMBLY 0.5MM PITCH CONNECTOR FOR FPC VLL SERIES
10085901-6015ELF ETC2-10085901-6015ELF Datasheet
836Kb / 6P
ASSEMBLY 0.5MM PITCH CONNECTOR FOR FPCVHC SERIES
30FLT-SM2-TBLFSN ETC2-30FLT-SM2-TBLFSN Datasheet
119Kb / 2P
FLT CONNECTOR 0.5mm pitch/Connectors for FPC
28FLZ-RSM2-TB(LF)(SN) ETC2-28FLZ-RSM2-TB(LF)(SN) Datasheet
84Kb / 2P
FLZ CONNECTOR 0.5mm pitch/Connectors for FFC and FPC
logo
Newhaven Display Intern...
MOLEX52437-2272 NEWHAVEN-MOLEX52437-2272 Datasheet
193Kb / 12P
the 0.5mm PITCH FPC CONNECTOR series
logo
Japan Aviation Electron...
FA10 JAE-FA10 Datasheet
1Mb / 6P
0.5mm Pitch FPC Connector
logo
JST Mfg. Co., Ltd.
FHN JST-FHN Datasheet
135Kb / 2P
0.5mm pitch/Connectors for FFC and FPC
FHY JST-FHY Datasheet
72Kb / 2P
FHY CONNECTOR 0.5mm pitch/Connectors for FPC
More results




About FCI connector


FCI connector is a type of electrical connector produced by FCI (Framatome Connectors International), a manufacturer of connectors and interconnect systems for a variety of industries, including telecommunications, consumer electronics, automotive, industrial, and aerospace.

FCI connectors are designed to provide a reliable and secure electrical connection between two devices or components. They come in a wide range of sizes and configurations to accommodate different applications and requirements, and they are commonly used in printed circuit boards (PCBs), backplanes, and other electronic systems.

Some of the key features of FCI connectors include their durability, high speed and signal integrity, low profile, and ease of installation. They are also designed to withstand harsh environments, such as high temperatures and vibrations.

FCI offers a broad portfolio of connectors, including board-to-board connectors, wire-to-board connectors, input/output (I/O) connectors, and power connectors. The company also provides a range of engineering and design services to help customers develop custom connectors and interconnect solutions for their specific needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com