Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FA10 Datasheet (PDF) - Japan Aviation Electronics Industry, Ltd.

FA10 Datasheet PDF - Japan Aviation Electronics Industry, Ltd.
Part # FA10
Download  FA10 Download
File Size   1030.66 Kbytes
Page   6 Pages
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.
Description 0.5mm Pitch FPC Connector

FA10 Datasheet (PDF)

Go To PDF Page Download Datasheet
FA10 Datasheet PDF - Japan Aviation Electronics Industry, Ltd.

Part # FA10
Download  FA10 Click to download

File Size   1030.66 Kbytes
Page   6 Pages
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.
Description 0.5mm Pitch FPC Connector

FA10 Datasheet (HTML) - Japan Aviation Electronics Industry, Ltd.




Similar Part No. - FA10

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
FA1000-62-85A1-0024A GLENAIR-FA1000-62-85A1-0024A Datasheet
6Mb / 18P
The Glenair Eye-Beam??Fiber Optic Revolution
FA1000-62-85B1-0024A GLENAIR-FA1000-62-85B1-0024A Datasheet
499Kb / 3P
Eye-Beam짰 GLT Expanded Beam Fiber Optic Connection System
FA1000-62-85B1-0024A GLENAIR-FA1000-62-85B1-0024A Datasheet
499Kb / 3P
Eye-Beam짰 GLT Expanded Beam Fiber Optic Connection System
FA1000-62-85F1-0024A GLENAIR-FA1000-62-85F1-0024A Datasheet
499Kb / 3P
Eye-Beam짰 GLT Expanded Beam Fiber Optic Connection System
FA1000-62-85F1-0024A GLENAIR-FA1000-62-85F1-0024A Datasheet
499Kb / 3P
Eye-Beam짰 GLT Expanded Beam Fiber Optic Connection System
More results


Similar Description - FA10

ManufacturerPart #DatasheetDescription
logo
FCI connector
59453-061110EDLF FCI-CONNECTOR-59453-061110EDLF Datasheet
120Kb / 2P
PLASTIC TAPE PACKAGED 0.5mm PITCH FPC CONNECTOR
62674-241121ALF FCI-CONNECTOR-62674-241121ALF Datasheet
1Mb / 10P
0.5mm FPC/FFC SMT
62674 FCI-CONNECTOR-62674 Datasheet
1Mb / 10P
0.5MM FPC/FFC SMT CONNECTOR USED FOR FPC/FFC WITH 0.5MM CONTACK SPACING
10051922 FCI-CONNECTOR-10051922 Datasheet
700Kb / 5P
ASSEMBLY 0.5mm PITCH CONNECTOR FOR FPC VLL SERIES
logo
List of Unclassifed Man...
10051922-1810ELF ETC2-10051922-1810ELF Datasheet
700Kb / 5P
ASSEMBLY 0.5MM PITCH CONNECTOR FOR FPC VLL SERIES
30FLT-SM2-TBLFSN ETC2-30FLT-SM2-TBLFSN Datasheet
119Kb / 2P
FLT CONNECTOR 0.5mm pitch/Connectors for FPC
logo
Newhaven Display Intern...
MOLEX52437-2272 NEWHAVEN-MOLEX52437-2272 Datasheet
193Kb / 12P
the 0.5mm PITCH FPC CONNECTOR series
logo
FCI connector
SFV30R-2STAE1LF FCI-CONNECTOR-SFV30R-2STAE1LF Datasheet
743Kb / 9P
0.5mm SPACING FPC CONNECTOR DOCUMENT LIST
SFV30R-3STE1LF FCI-CONNECTOR-SFV30R-3STE1LF Datasheet
676Kb / 8P
0.5mm SPACING FPC CONNECTOR DOCUMENT LIST
logo
JST Mfg. Co., Ltd.
FHY JST-FHY Datasheet
72Kb / 2P
FHY CONNECTOR 0.5mm pitch/Connectors for FPC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com