Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM4022 Datasheet (PDF) - EM Microelectronic - MARIN SA

EM4022 Datasheet PDF - EM Microelectronic - MARIN SA
Part # EM4022
Download  EM4022 Download
File Size   278.55 Kbytes
Page   15 Pages
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA
Description Multi Frequency Contactless Identification Device Anti-Collision compatible with BTG Supertag Category Protocols

EM4022 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM4022 Datasheet PDF - EM Microelectronic - MARIN SA

Part # EM4022
Download  EM4022 Click to download

File Size   278.55 Kbytes
Page   15 Pages
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA
Description Multi Frequency Contactless Identification Device Anti-Collision compatible with BTG Supertag Category Protocols

EM4022 Datasheet (HTML) - EM Microelectronic - MARIN SA


EM4022 Product details

Description
The EM4022 (previously named P4022) chip implements patented anti-collision protocols for both high frequency and low frequency applications. It is even possible to identify transponders with identical codes, thereby making it possible to count identical items. The chip is typically used in “passive” transponder applications, i.e. it does not require a battery power source. Instead, it is powered up by an electromagnetic energy field or beam transmitted by the reader, which is received and rectified to generate a supply voltage for the chip. A preprogrammed code is transmitted to the reader by varying the amount of energy that is reflected back to the reader. This is done by modulating an antenna or coil, thereby effectively varying the load seen by the reader.

Features
■ Implements all BTG anti-collision protocols: Fast SWITCH-OFF, SLOW-DOWN, and FREE-RUNNING
■ Can be used to implement low frequency inductive coupled transponders, high frequency RF coupled transponders or bi-frequency transponders
■ Reading 500 transponders in less than one second for high frequency applications
■ Factory programmed 64 bit ID number
■ Data rate options form 4 kbit/s to 64 kbit/s
■ Manchester data encoding
■ Any field frequency: Typically 125 kHz, 13.56 MHz inductive and 100 MHz to 2.54 GHz RF
■ Data transmission done by amplitude modulation
■ Trimmed 110 pF ± 3% on-chip resonant capacitor
■ On-chip oscillator, rectifier and voltage limiter
■ Low power consumption
■ Low voltage operation : down to 1.5 V at ambient temperature
■ -40 to +85 °C operating temperature range

Typical Applications
■ Access control
■ Animal tagging
■ Asset control
■ Sports event timing
■ Licensing
■ Electronic keys
■ Auto-tolling




Similar Part No. - EM4022

ManufacturerPart #DatasheetDescription
logo
Leadshine Technology Co...
EM402 LEADSHINE-EM402 Datasheet
738Kb / 6P
20-40V, 0.07-2A, Sensorless Stall Detection, Pre-Matching Motor
logo
Soberton Inc.
EM4020-BC SOBERTON-EM4020-BC Datasheet
389Kb / 1P
Omnidirectional Back Electret Condenser Microphone
logo
EM Microelectronic - MA...
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
Read Only Contactless Identification Device with Anticollision
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
Read only Contactless Identification Device
logo
List of Unclassifed Man...
EM402M1612VTA ETC2-EM402M1612VTA Datasheet
822Kb / 18P
16Mb ( 2Banks ) Synchronous DRAM
More results


Similar Description - EM4022

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
Read Only Contactless Identification Device with Anticollision
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
Read only Contactless Identification Device
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
1KBIT Read/Write Contactless Identification Device with anticollision
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
Read Only Contactless Identification Device
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
V4070 EMMICRO-V4070 Datasheet
170Kb / 9P
Crypto Contactless Identification Device
P4022 EMMICRO-P4022 Datasheet
425Kb / 13P
Multi Frequency Contactless Identification Device Anti-Collision compatible with BTGs Supertag Category Protocols
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
128 bit Read Only Low Frequency Contactless Identification Device
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com