Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM4055 Datasheet (PDF) - EM Microelectronic - MARIN SA

EM4055 Datasheet PDF - EM Microelectronic - MARIN SA
Part # EM4055
Download  EM4055 Download
File Size   23.92 Kbytes
Page   1 Pages
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA
Description 1KBIT Read/Write Contactless Identification Device with anticollision

EM4055 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM4055 Datasheet PDF - EM Microelectronic - MARIN SA

Part # EM4055
Download  EM4055 Click to download

File Size   23.92 Kbytes
Page   1 Pages
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA
Description 1KBIT Read/Write Contactless Identification Device with anticollision

EM4055 Datasheet (HTML) - EM Microelectronic - MARIN SA


EM4055 Product details

Description

The EM4055 is a CMOS integrated circuit for passive read/write RF-transponders operating in the low frequency range (125kHz typically). The chip contains 1kbit of EEPROM which can be configured by the user allowing write inhibited words, read protected words and read area output continuously at power-on. The memory can be secured by using the 32-bit password for all write and read protected operations. The password can be updated



Features

· 1k bit EEPROM (32 words of 32 bit each)

· User defined Read memory area as default output

· User defined Write protected words

· User defined Read protected words

· Power-check before EEPROM Write operation

· 32 bits WORM anticollision ID

· 32 bits WORM device identification

· Fast Anticollision Protocol for a large number of Transponders

· Detection of Tag entering the field

· Data transmission performed by amplitude modulation

   Reader to transponder : ASK 100%, Transponder to Reader : ASK

· User selectable data-rate : RF/64 or RF/32

· 100kHz to 150kHz field frequency range

· On-chip rectifier and voltage limitation

· On-chip supply buffer capacitor

· Power-on Reset

· -40 to +85°C operating temperature range



Applications

· Ticketing

· Hands free Access control

· Inventory Control

· Prepayment devices

· Manufacturing automation with portable database

· Industrial logistics




Similar Part No. - EM4055

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4056B6CB2RC EMMICRO-EM4056B6CB2RC Datasheet
145Kb / 14P
2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4056B6CI2LC EMMICRO-EM4056B6CI2LC Datasheet
145Kb / 14P
2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4056B6WP11 EMMICRO-EM4056B6WP11 Datasheet
145Kb / 14P
2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4056B6WW11E EMMICRO-EM4056B6WW11E Datasheet
145Kb / 14P
2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
More results


Similar Description - EM4055

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
Read Only Contactless Identification Device with Anticollision
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4069 EMMICRO-EM4069 Datasheet
261Kb / 15P
128 bit Read/Write Contactless Identification Device with OTP function
EM4150 EMMICRO-EM4150 Datasheet
561Kb / 14P
1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
125kHz CRYPTO READ/WRITE Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
512 bit Read/Write Contactless Identification Device
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
1 KBit Read/Write Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
512 bit Read/Write Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com