Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM4055 Datasheet(PDF) 1 Page - EM Microelectronic - MARIN SA

Part # EM4055
Description  1KBIT Read/Write Contactless Identification Device with anticollision
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4055 Datasheet(HTML) 1 Page - EM Microelectronic - MARIN SA

  EM4055 Datasheet HTML 1Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EM4055
Copyright
© 2002, EM Microelectronic-Marin SA
1
www.emmicroelectronic.com
1KBIT Read/Write Contactless Identification Device
with anticollision
Description
The EM4055 is a CMOS integrated circuit for passive
read/write RF-transponders operating in the low frequency
range (125kHz typically). The chip contains 1kbit of
EEPROM which can be configured by the user allowing
write inhibited words, read protected words and read area
output continuously at power-on. The memory can be
secured by using the 32-bit password for all write and
read protected operations. The password can be updated
but never read. The fixed code anticollision ID and device
identification are programmed once, and then locked. The
chip can be configured to start at power on in QUIET
mode, or in Standard read mode. The EM4055 will
transmit data to the reader by modulating the amplitude of
the magnetic field, and receive data and commands by
100%
modulation
induced
by
the
reader.
Simple
commands allow writing to EEPROM, updating the pass-
word, read a specific memory area, perform the
anticollision procedure, and reset the logic. The coil and
capacitor of the tuned LC circuit are the only external
components required.
Applications
• Ticketing
• Hands free Access control
• Inventory Control
• Prepayment devices
• Manufacturing automation with portable database
• Industrial logistics
Features
• 1k bit EEPROM (32 words of 32 bit each)
• User defined Read memory area as default output
• User defined Write protected words
• User defined Read protected words
• Power-check before EEPROM Write operation
• 32 bits WORM anticollision ID
• 32 bits WORM device identification
• Fast Anticollision Protocol for a large number of
Transponders
• Detection of Tag entering the field
• Data transmission performed by amplitude modulation
Reader to transponder : ASK 100%, Transponder to
Reader : ASK
• User selectable data-rate : RF/64 or RF/32
• 100kHz to 150kHz field frequency range
• On-chip rectifier and voltage limitation
• On-chip supply buffer capacitor
• Power-on Reset
• -40 to +85°C operating temperature range
Typical Operating Configuration
C2
C1
EM4055
C
L
Typical configuration at 125 kHz uses a coil of 4.9 mH
and a 330 pF capacitor
Fig. 1
EM MICROELECTRONIC - MARIN SA


Similar Part No. - EM4055

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4056B6CB2RC EMMICRO-EM4056B6CB2RC Datasheet
145Kb / 14P
2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4056B6CI2LC EMMICRO-EM4056B6CI2LC Datasheet
145Kb / 14P
2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4056B6WP11 EMMICRO-EM4056B6WP11 Datasheet
145Kb / 14P
2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4056B6WW11E EMMICRO-EM4056B6WW11E Datasheet
145Kb / 14P
2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
More results

Similar Description - EM4055

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4025 EMMICRO-EM4025 Datasheet
49Kb / 1P
Read Only Contactless Identification Device with Anticollision
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4069 EMMICRO-EM4069 Datasheet
261Kb / 15P
128 bit Read/Write Contactless Identification Device with OTP function
EM4150 EMMICRO-EM4150 Datasheet
561Kb / 14P
1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
125kHz CRYPTO READ/WRITE Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
512 bit Read/Write Contactless Identification Device
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
1 KBit Read/Write Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
512 bit Read/Write Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com