Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM4069 Datasheet (PDF) - EM Microelectronic - MARIN SA

EM4069 Datasheet PDF - EM Microelectronic - MARIN SA
Part # EM4069
Download  EM4069 Download
File Size   261.46 Kbytes
Page   15 Pages
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA
Description 128 bit Read/Write Contactless Identification Device with OTP function

EM4069 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM4069 Datasheet PDF - EM Microelectronic - MARIN SA

Part # EM4069
Download  EM4069 Click to download

File Size   261.46 Kbytes
Page   15 Pages
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA
Description 128 bit Read/Write Contactless Identification Device with OTP function

EM4069 Datasheet (HTML) - EM Microelectronic - MARIN SA


EM4069 Product details

Description
EM4069 (previously named P4069) is a CMOS integrated circuit intended for use in electronic Read/Write RF transponders, with an optional lock function to disable EEPROM write operations.

Features
■ 128 bit EEPROM organized in 8 words of 16 bits
■ 64 bit fixed code memory array laser programmed
■ OTP feature convert EEPROM words in read only
■ Power on Reset sequence
■ Power-check for EEPROM write operation
■ Data transmission performed by Amplitude Modulation (IC to reader and reader to IC)
■ Data encoding : Manchester or BI-Phase (FDX-B)
■ Transmission reader to chip: typically 65% AM modulation
■ Data rate : 64 or 32 RF field periods per bit
■ (2 kBaud or 4 kBaud at 125 kHz)
■ 78 pF resonant capacitor integrated on chip
■ 100 to 150 kHz frequency range
■ On-chip rectifier and voltage limiter
■ No external supply buffer capacitor needed
■ -40 to +85°C temperature range
■ Very low Power consumption

Applications
■ Access Control
■ Animal Identification
■ Material Logistics




Similar Part No. - EM4069

ManufacturerPart #DatasheetDescription
logo
MRV Communications, Inc...
EM400-PS-AC MRV-EM400-PS-AC Datasheet
352Kb / 2P
LambdaDriver Chassis - DWDM/CWDM Platform
EM400-PS-DC MRV-EM400-PS-DC Datasheet
352Kb / 2P
LambdaDriver Chassis - DWDM/CWDM Platform
logo
EPCOS
EM4000XS EPCOS-EM4000XS Datasheet
123Kb / 4P
Surge arrester 2-electrode arrester
logo
EM Microelectronic - MA...
EM4006 EMMICRO-EM4006 Datasheet
88Kb / 10P
13.56 MHz 64 Data bit Read Only Contactless Identification Device
EM4006F9WP11 EMMICRO-EM4006F9WP11 Datasheet
88Kb / 10P
13.56 MHz 64 Data bit Read Only Contactless Identification Device
More results


Similar Description - EM4069

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
1KBIT Read/Write Contactless Identification Device with anticollision
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4150 EMMICRO-EM4150 Datasheet
561Kb / 14P
1 KBit READ / WRITE CONTACTLESS IDENTIFICATION DEVICE
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
125kHz CRYPTO READ/WRITE Contactless Identification Device
EM4269 EMMICRO-EM4269 Datasheet
54Kb / 1P
512 bit Read/Write Contactless Identification Device
EM4369 EMMICRO-EM4369 Datasheet
121Kb / 1P
512 bit Read/Write Contactless Identification Device
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
1 KBit Read/Write Contactless Identification Device
EM4569 EMMICRO-EM4569 Datasheet
50Kb / 1P
512 bit Read/Write Contactless Identification Device
EM4133 EMMICRO-EM4133 Datasheet
66Kb / 1P
512 bit Read/Write, ISO15693 Standard Compliant Contactless RW Identification Device
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
128 bit Read Only Low Frequency Contactless Identification Device
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com