Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM4125 Datasheet (PDF) - EM Microelectronic - MARIN SA

EM4125 Datasheet PDF - EM Microelectronic - MARIN SA
Part # EM4125
Download  EM4125 Download
File Size   49.61 Kbytes
Page   1 Pages
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA
Description Read Only Contactless Identification Device with Anticollision

EM4125 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM4125 Datasheet PDF - EM Microelectronic - MARIN SA

Part # EM4125
Download  EM4125 Click to download

File Size   49.61 Kbytes
Page   1 Pages
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA
Description Read Only Contactless Identification Device with Anticollision

EM4125 Datasheet (HTML) - EM Microelectronic - MARIN SA


EM4125 Product details

Description

The EM4025 is a CMOS integrated circuit for use in electronic Read Only RF Transponders, often known as a RFID Tag. The circuit is powered by an external coil placed in an electromagnetic field, and gets its clock via the coil terminals. The fixed code device identification is programmed at manufacture by laser fusing of polysilicon links. The chip starts at power up in a quiet mode. Downlink Transmission occurs only on command from the reader, normally as part of the anticollision/arbitration scheme. A data rate of 64 or 32 periods of the carrier frequency per data bit is available. Downlink Data is Manchester Coded. Only an external coil is needed to obtain the chip function. A parallel resonant capacitor is integrated.



Features

• Anticollision protocol to identify a number of transponders (better then 20 tags/s at RF/32, 10 tags/s at RF/64)

• 55 bit memory array, laser programmable ROM

• Two mask programmable data rate options: RF/64 and RF/32

• Data transmission reader to transponder: ASK 100% (OOK)

• Data transmission transponder to reader: ASK, Manchester Code

• On chip resonance capacitor

• On chip supply buffer capacitor & voltage limiter

• Large Modulation Depth

• Operating frequency 100 – 150 kHz

• Small chip size convenient for implantation



Typical Applications

• Logistics

• Manufacturing Automation

• Anti-counterfeiting

• Industrial transponder

• Tracking and tracing



 




Similar Part No. - EM4125

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4122 EMMICRO-EM4122 Datasheet
52Kb / 1P
Read-only UHF RFID IC
EM4123 EMMICRO-EM4123 Datasheet
47Kb / 1P
Read-only UHF RFID IC
EM4123V002WS7E EMMICRO-EM4123V002WS7E Datasheet
47Kb / 1P
Read-only UHF RFID IC
EM4123V002WW11 EMMICRO-EM4123V002WW11 Datasheet
47Kb / 1P
Read-only UHF RFID IC
EM4123V004WS7E EMMICRO-EM4123V004WS7E Datasheet
47Kb / 1P
Read-only UHF RFID IC
More results


Similar Description - EM4125

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM4006 EMMICRO-EM4006 Datasheet
88Kb / 10P
13.56 MHz 64 Data bit Read Only Contactless Identification Device
EM4026 EMMICRO-EM4026 Datasheet
129Kb / 1P
Read only Contactless Identification Device
EM4055 EMMICRO-EM4055 Datasheet
23Kb / 1P
1KBIT Read/Write Contactless Identification Device with anticollision
EM4056 EMMICRO-EM4056 Datasheet
145Kb / 14P
2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
EM4100 EMMICRO-EM4100 Datasheet
260Kb / 9P
Read Only Contactless Identification Device
EM4102 EMMICRO-EM4102 Datasheet
133Kb / 7P
Read Only Contactless Identification Device
H4006 EMMICRO-H4006 Datasheet
257Kb / 10P
13.56MHz 64 Data bit Read Only Contactless Identification Device
H4001 EMMICRO-H4001 Datasheet
127Kb / 5P
READ-ONLY CONTACTLESS IDENTIFICATION DEVICE
EM4033 EMMICRO-EM4033 Datasheet
63Kb / 1P
64 bit Read Only ISO15693 Standard Compliant Contactless Identification Device
EM4200 EMMICRO-EM4200 Datasheet
52Kb / 1P
128 bit Read Only Low Frequency Contactless Identification Device
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com