Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC-3955 Datasheet (PDF) - Advantech Co., Ltd.

MIC-3955 Datasheet PDF - Advantech Co., Ltd.
Part # MIC-3955
Download  MIC-3955 Download
File Size   1223.43 Kbytes
Page   3 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 3U CompactPCI Intel® 6th Gen. Quad- Core™ Processor Blade

MIC-3955 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC-3955 Datasheet PDF - Advantech Co., Ltd.

Part # MIC-3955
Download  MIC-3955 Click to download

File Size   1223.43 Kbytes
Page   3 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 3U CompactPCI Intel® 6th Gen. Quad- Core™ Processor Blade

MIC-3955 Datasheet (HTML) - Advantech Co., Ltd.


MIC-3955 Product details

Features
ƒ Intel® 6th Gen 14nm Xeon®/Core™ processor with CM236 PCH
ƒ 8G or 16GB DDR4-2133 soldered memory with ECC or Non-ECC
ƒ Multi-option storage as 2.5" SATA, 2280 M.2, Cfast, Mirco SD, etc
ƒ 2 RJ45 GbE LAN, 2 USB3.0, 1VGA on front 4HP panel
ƒ 1 RJ45 COM, 1 HDMI, 1 USB3.0, 2 M12 X-Coding or 2 RJ45 GbE LAN on
8HP XTM-1 front panel
ƒ 4 M12 X-Coding or 4 RJ45 GbE LAN on 8HP XTM-2 front panel
ƒ Design to meet EN50121-4 & EN50155 for railway application
ƒ PICMG2.0 R3.0, PICMG2.1 R2.0 Compliant




Similar Part No. - MIC-3955

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-3955 ADVANTECH-MIC-3955 Datasheet
1Mb / 2P
3U CompactPCI짰 RS-232/422/485 Serial Communication Card
18-Feb-2019
MIC-3955 ADVANTECH-MIC-3955 Datasheet
356Kb / 2P
4U Height CompactPCI® Enclosure for 3U Cards
14-Sep-2021
MIC-3955 ADVANTECH-MIC-3955 Datasheet
694Kb / 2P
3U Height CompactPCI® Enclosure for 3U Cards
11-Feb-2022
MIC-3955 ADVANTECH-MIC-3955 Datasheet
790Kb / 2P
3U CompactPCI® Intel® Quad-Core Atom™ Processor Blade
22-Mar-2021
MIC-3955 ADVANTECH-MIC-3955 Datasheet
612Kb / 2P
3U CompactPCI DC110V input Power Supply Unit
7-Dec-2020
More results


Similar Description - MIC-3955

ManufacturerPart #DatasheetDescription
logo
DFI Inc
WM342-KD330 DFI-WM342-KD330 Datasheet
486Kb / 4P
6th/7th Gen Intel Core Processor
logo
Adlink Technology Inc.
CPCI-3620 ADLINK-CPCI-3620 Datasheet
397Kb / 4P
3U CompactPCI Quad-Core Intel Atom Processor
CPCI-3630 ADLINK-CPCI-3630 Datasheet
760Kb / 4P
3U CompactPCI Quad-Core Intel Atom짰 Processor
logo
Advantech Co., Ltd.
MIC-330 ADVANTECH-MIC-330 Datasheet
719Kb / 2P
3U CompactPCI® Serial Intel® 9th Gen. Processor Blade
18-Feb-2022
MIC-3329 ADVANTECH-MIC-3329 Datasheet
790Kb / 2P
3U CompactPCI® Intel® Quad-Core Atom™ Processor Blade
22-Mar-2021
MIC-3396 ADVANTECH-MIC-3396 Datasheet
384Kb / 2P
6U CompactPCI Intel® 4th Gen. Core™ i3/i5/i7 Processor Blade with ECC support
9-Feb-2023
MIC-3396MIL ADVANTECH-MIC-3396MIL Datasheet
410Kb / 2P
6U CompactPCI Intel® 4th/5th Gen. Core™ i5/i7 Processor Blade with ECC support
9-Feb-2023
MIC-3397 ADVANTECH-MIC-3397 Datasheet
351Kb / 2P
6U CompactPCI Quad Core Intel® Xeon® Processor Blade
10-Mar-2020
MIC-3398 ADVANTECH-MIC-3398 Datasheet
628Kb / 2P
6U CompactPCI Intel® Atom™ Processor Blade
21-Jun-2017
MIC-3399 ADVANTECH-MIC-3399 Datasheet
657Kb / 2P
6U CompactPCI Intel® 6th Gen. Core™ i3/i5/i7 Processor Blade with ECC support
7-Sep-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com