Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEN-0541 Datasheet (PDF) - Sensitron

SEN-0541 Datasheet PDF - Sensitron
Part # SEN-0541
Download  SEN-0541 Download
File Size   168.71 Kbytes
Page   3 Pages
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron
Description POWER OPERATIONAL AMPLIFIER

SEN-0541 Datasheet (PDF)

Go To PDF Page Download Datasheet
SEN-0541 Datasheet PDF - Sensitron

Part # SEN-0541
Download  SEN-0541 Click to download

File Size   168.71 Kbytes
Page   3 Pages
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron
Description POWER OPERATIONAL AMPLIFIER

SEN-0541 Datasheet (HTML) - Sensitron


SEN-0541 Product details

Features:
• 10A Peak Current
• Supply Range ±10V to ±40V
• Programmable Current Limit
• Replacement for OPA541, OMA541, MSK541
• Wide Range of Available Packages
• Hermetic and Non-Hermetic Versions Available
• MIL-STD-883 Screening Available

Applications:
• Motor Drivers • Servo Amplifiers • Magnetic Deflection • Audio




Similar Part No. - SEN-0541

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SEN-0002H ETC-SEN-0002H Datasheet
70Kb / 3P
CURRENT AMPLIFIER
logo
Sensitron
SEN-0002H SENSITRON-SEN-0002H Datasheet
71Kb / 3P
CURRENT AMPLIFIER
logo
SparkFun Electronics
SEN-08883 SPARKFUN-SEN-08883 Datasheet
97Kb / 1P
SparkFun Low Current Sensor Breakout - ACS712
10/8/2015
SEN-09416 SPARKFUN-SEN-09416 Datasheet
91Kb / 2P
RFID Glass Capsule (125kHz)
6??0??7
SEN-09417 SPARKFUN-SEN-09417 Datasheet
96Kb / 2P
RFID Button - 16mm (125kHz)
6??0??7
More results


Similar Description - SEN-0541

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
Power Operational Amplifier
logo
Cirrus Logic
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
POWER OPERATIONAL AMPLIFIER
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
Power Operational Amplifier
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
Power Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com