Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F676 Datasheet (PDF) - NXP Semiconductors

74F676 Datasheet PDF - NXP Semiconductors
Part # 74F676
Download  74F676 Download
File Size   87.95 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit serial/parallel-in, serial-out shift register 3-State

74F676 Datasheet (PDF)

Go To PDF Page Download Datasheet
74F676 Datasheet PDF - NXP Semiconductors

Part # 74F676
Download  74F676 Click to download

File Size   87.95 Kbytes
Page   10 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 16-bit serial/parallel-in, serial-out shift register 3-State

74F676 Datasheet (HTML) - NXP Semiconductors


74F676 Product details

DESCRIPTION

The 74F676 contains 16 flip-flops with provision for synchronous parallel or serial entry and serial output. When the mode (M) input is High, information present on the parallel data (D0–D15) inputs is entered on the falling edge of the clock pulse (CP) input signal. When M is Low, data is shifted out of the most significant bit position while information present on the serial (SI) input shifts into the least significant bit position. A High signal on the chip select (CS) input prevents both parallel and serial operations.



FEATURES

• 16-bit parallel-to-serial conversion

• 16-bit serial-in, serial-out

• Chip select control

• Power supply current 48mA typical

• Shift frequency 110MHz tyical

• Available in 300mil-wide 24-pin Slim DIP package



 




Similar Part No. - 74F676

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F676 FAIRCHILD-74F676 Datasheet
57Kb / 6P
16-Bit Serial/Parallel-In, Serial-Out Shift Register
74F676 FAIRCHILD-74F676 Datasheet
68Kb / 6P
16-Bit Serial/Parallel-In, Serial-Out Shift Register
logo
Texas Instruments
74F676 TI1-74F676 Datasheet
431Kb / 12P
54F676 74F676 16-Bit Serial/Parallel-In, Serial-Out Shift Register
logo
National Semiconductor ...
74F676PC NSC-74F676PC Datasheet
181Kb / 10P
16-Bit Serial/Parallel-In, Serial-Out Shift Register
logo
Fairchild Semiconductor
74F676PC FAIRCHILD-74F676PC Datasheet
57Kb / 6P
16-Bit Serial/Parallel-In, Serial-Out Shift Register
More results


Similar Description - 74F676

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F676DM NSC-54F676DM Datasheet
181Kb / 10P
16-Bit Serial/Parallel-In, Serial-Out Shift Register
logo
NXP Semiconductors
74F674 PHILIPS-74F674 Datasheet
49Kb / 5P
16-bit serial/parallel-in, serial-out shift register 3-State
1989 Feb 05 1 853
logo
Fairchild Semiconductor
74F673A FAIRCHILD-74F673A Datasheet
65Kb / 7P
16-Bit Serial-In, Serial/Parallel-Out Shift Register
74F675A FAIRCHILD-74F675A Datasheet
63Kb / 6P
16-Bit Serial-In, Serial/Parallel-Out Shift Register
74F676 FAIRCHILD-74F676 Datasheet
57Kb / 6P
16-Bit Serial/Parallel-In, Serial-Out Shift Register
74F676 FAIRCHILD-74F676_02 Datasheet
68Kb / 6P
16-Bit Serial/Parallel-In, Serial-Out Shift Register
74F675A FAIRCHILD-74F675A_00 Datasheet
76Kb / 6P
16-Bit Serial-In, Serial/Parallel-Out Shift Register
logo
NXP Semiconductors
74LVC595A NXP-74LVC595A Datasheet
119Kb / 19P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 01-29 May 2007
74LV595 PHILIPS-74LV595_15 Datasheet
129Kb / 20P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 03-21 April 2009
logo
Nexperia B.V. All right...
74LVC595A NEXPERIA-74LVC595A Datasheet
299Kb / 18P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 3 - 19 November 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com