Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC595A Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC595A Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC595A
Download  74LVC595A Download
File Size   299.94 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit serial-in/serial-out or parallel-out shift register; 3-state

74LVC595A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC595A Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC595A
Download  74LVC595A Click to download

File Size   299.94 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit serial-in/serial-out or parallel-out shift register; 3-state

74LVC595A Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC595A Product details

1. General description
The 74LVC595A is an 8-bit serial-in/serial or parallel-out shift register with a storage register and
3-state outputs. Both the shift and storage register have separate clocks. The device features a
serial input (DS) and a serial output (Q7S) to enable cascading and an asynchronous reset MR
input. A LOW on MR will reset the shift register. Data is shifted on the LOW-to-HIGH transitions
of the SHCP input. The data in the shift register is transferred to the storage register on a
LOW-to-HIGH transition of the STCP input. If both clocks are connected together, the shift register
will always be one clock pulse ahead of the storage register. Data in the storage register appears
at the output whenever the output enable input (OE) is LOW. A HIGH on OE causes the outputs
to assume a high-impedance OFF-state. Operation of the OE input does not affect the state of
the registers. Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use
of these devices as translators in mixed 3.3 V and 5 V environments. Schmitt-trigger action at all
inputs makes the circuit tolerant of slower input rise and fall times. This device is fully specified for
partial power down applications using IOFF. The IOFF circuitry disables the output, preventing the
potentially damaging backflow current through the device when it is powered down.
2. Features and benefits
• Wide supply voltage range from 1.2 V to 3.6 V
• Overvoltage tolerant inputs to 5.5 V
• CMOS low power dissipation
• Direct interface with TTL levels
• IOFF circuitry provides partial Power-down mode operation
• Balanced propagation delays
• All inputs have Schmitt-trigger action
• Complies with JEDEC standard:
• JESD8-7A (1.65 V to 1.95 V)
• JESD8-5A (2.3 V to 2.7 V)
• JESD8-C/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-B exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C
3. Applications
• Serial-to-parallel data conversion
• Remote control holding register




Similar Part No. - 74LVC595A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC595A NXP-74LVC595A Datasheet
119Kb / 19P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 01-29 May 2007
74LVC595ABQ NXP-74LVC595ABQ Datasheet
119Kb / 19P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 01-29 May 2007
74LVC595AD NXP-74LVC595AD Datasheet
119Kb / 19P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 01-29 May 2007
74LVC595APW NXP-74LVC595APW Datasheet
119Kb / 19P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 01-29 May 2007
More results


Similar Description - 74LVC595A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F674 PHILIPS-74F674 Datasheet
49Kb / 5P
16-bit serial/parallel-in, serial-out shift register 3-State
1989 Feb 05 1 853
74F676 PHILIPS-74F676 Datasheet
87Kb / 10P
16-bit serial/parallel-in, serial-out shift register 3-State
1989 Apr 18
74LVC595A NXP-74LVC595A Datasheet
119Kb / 19P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 01-29 May 2007
74LV595 PHILIPS-74LV595_15 Datasheet
129Kb / 20P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 03-21 April 2009
74VHC_VHCT595 PHILIPS-74VHC_VHCT595_15 Datasheet
246Kb / 22P
8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 2-4 July 2012
logo
Nexperia B.V. All right...
74LVC8T595 NEXPERIA-74LVC8T595 Datasheet
348Kb / 33P
Dual supply 8-bit serial-in/serial-out or parallel-out shift register; 3-state
74VHC595-Q100 NEXPERIA-74VHC595-Q100 Datasheet
786Kb / 21P
8-bit serial-in/serial-out or parallel-out shift register with output latches
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Nexperia B.V. All right...
74LV595 NEXPERIA-74LV595 Datasheet
279Kb / 17P
8-bit serial-in/serial-out or parallel-out shift register; 3-state
Rev. 5 - 29 September 2021
74VHCT595 NEXPERIA-74VHCT595 Datasheet
302Kb / 20P
8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 3 - 25 June 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com