Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC595A Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74LVC595A
Description  8-bit serial-in/serial-out or parallel-out shift register; 3-state
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC595A Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74LVC595A Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC595A Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC595A Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC595A Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC595A Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC595A Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC595A Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC595A Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC595A Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Nexperia
74LVC595A
8-bit serial-in/serial-out or parallel-out shift register; 3-state
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Min
Max
Unit
OE to Qn; see Fig. 12
[3]
VCC = 1.2 V
-
17.9
-
-
-
ns
VCC = 1.65 V to 1.95 V
2.0
6.4
14.1
2.0
16.2
ns
VCC = 2.3 V to 2.7 V
1.5
4.2
8.0
1.5
9.2
ns
VCC = 2.7 V
1.5
4.5
7.6
1.5
8.7
ns
ten
enable time
VCC = 3.0 V to 3.6 V
1.2
3.8
6.7
1.2
7.7
ns
OE to Qn; see Fig. 12
[4]
VCC = 1.2 V
-
9.6
-
-
-
ns
VCC = 1.65 V to 1.95 V
2.0
4.9
9.8
2.0
11.2
ns
VCC = 2.3 V to 2.7 V
1.2
2.8
5.8
1.2
6.6
ns
VCC = 2.7 V
1.5
3.7
6.2
1.5
7.1
ns
tdis
disable time
VCC = 3.0 V to 3.6 V
1.2
3.5
5.7
1.2
6.5
ns
SHCP, STCP HIGH or LOW;
see Fig. 7 and Fig. 8
VCC = 1.65 V to 1.95 V
6.0
2.5
-
7.0
-
ns
VCC = 2.3 V to 2.7 V
5.0
2.0
-
5.5
-
ns
VCC = 2.7 V
4.5
1.5
-
5.0
-
ns
VCC = 3.0 V to 3.6 V
4.0
1.5
-
4.5
-
ns
MR LOW; see Fig. 11
VCC = 1.65 V to 1.95 V
5.0
2.0
-
5.5
-
ns
VCC = 2.3 V to 2.7 V
4.0
1.5
-
4.5
-
ns
VCC = 2.7 V
2.5
1.0
-
3.0
-
ns
tW
pulse width
VCC = 3.0 V to 3.6 V
2.5
1.0
-
3.0
-
ns
DS to SHCP; see Fig. 9
VCC = 1.65 V to 1.95 V
5.0
0.4
-
5.5
-
ns
VCC = 2.3 V to 2.7 V
4.0
0.1
-
4.5
-
ns
VCC = 2.7 V
2.0
0
-
2.5
-
ns
VCC = 3.0 V to 3.6 V
2.0
-0.1
-
2.5
-
ns
MR to STCP; see Fig. 10
VCC = 1.65 V to 1.95 V
8.0
3.5
-
8.5
-
ns
VCC = 2.3 V to 2.7 V
5.0
2.1
-
5.5
-
ns
VCC = 2.7 V
4.0
1.8
-
4.5
-
ns
VCC = 3.0 V to 3.6 V
4.0
1.7
-
4.5
-
ns
SHCP to STCP; see Fig. 8
VCC = 1.65 V to 1.95 V
8.0
3.5
-
8.5
-
ns
VCC = 2.3 V to 2.7 V
5.0
2.1
-
5.5
-
ns
VCC = 2.7 V
4.0
1.8
-
4.5
-
ns
tsu
set-up time
VCC = 3.0 V to 3.6 V
4.0
1.7
-
4.5
-
ns
DS to SHCP; see Fig. 9
VCC = 1.65 V to 1.95 V
1.5
0.2
-
2.0
-
ns
VCC = 2.3 V to 2.7 V
1.5
0.1
-
2.0
-
ns
VCC = 2.7 V
1.5
-0.1
-
2.0
-
ns
th
hold time
VCC = 3.0 V to 3.6 V
1.0
-0.2
-
1.5
-
ns
74LVC595A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 3 — 19 November 2021
8 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com