Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC595A Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74LVC595A
Description  8-bit serial-in/serial-out or parallel-out shift register; 3-state
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC595A Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74LVC595A Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74LVC595A Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74LVC595A Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC595A Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC595A Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC595A Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC595A Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC595A Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC595A Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Nexperia
74LVC595A
8-bit serial-in/serial-out or parallel-out shift register; 3-state
6. Pinning information
6.1. Pinning
74LVC595A
Q1
VCC
Q2
Q0
Q3
DS
Q4
OE
Q5
STCP
Q6
SHCP
Q7
MR
GND
Q7S
001aaf569
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Fig. 5. Pin configuration SOT109-1 (SO16) and
SOT403-1 (TSSOP16)
001aaf570
74LVC595A
Q7
MR
Q6
SHCP
Q5
STCP
Q4
OE
Q3
DS
Q2
Q0
Transparent top view
7
10
6
11
5
12
4
13
3
14
2
15
terminal 1
index area
GND(1)
(1) This is not a ground pin. There is no electrical or
mechanical requirement to solder the pad. In case
soldered, the solder land should remain floating or
connected to GND.
Fig. 6. Pin configuration SOT763-1 (DHVQFN16)
6.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
Q0, Q1, Q2, Q3, Q4, Q5, Q6, Q7
15, 1, 2, 3, 4, 5, 6, 7
parallel data output
GND
8
ground (0 V)
Q7S
9
serial data output
MR
10
master reset (active LOW)
SHCP
11
shift register clock input
STCP
12
storage register clock input
OE
13
output enable input (active LOW)
DS
14
serial data input
VCC
16
supply voltage
74LVC595A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 3 — 19 November 2021
4 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com