Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC595A Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74LVC595A
Description  8-bit serial-in/serial-out or parallel-out shift register; 3-state
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC595A Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74LVC595A Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74LVC595A Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74LVC595A Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74LVC595A Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC595A Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC595A Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC595A Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC595A Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC595A Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Nexperia
74LVC595A
8-bit serial-in/serial-out or parallel-out shift register; 3-state
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Min
Max
Unit
IOZ
OFF-state
output current
VI = VIH or VIL;
VO = 5.5 V or GND;
VCC = 3.6 V
[2]
-
0.1
±10
-
±20
μA
IOFF
power-off
leakage
current
VCC = 0 V; VI or VO = 5.5 V
-
0.1
10
-
20
μA
ICC
supply current VCC = 3.6 V;
VI = VCC or GND; IO = 0 A
-
0.1
10
-
40
μA
ΔICC
additional
supply current
per input pin;
VCC = 1.65 V to 3.6 V;
VI = VCC - 0.6 V; IO = 0 A
-
5
500
-
5000
μA
CI
input
capacitance
VCC = 0 V to 3.6 V;
VI = GND to VCC
-
5.0
-
-
-
pF
[1] All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb = 25 °C.
[2] For transceivers, the parameter IOZ includes the input leaking current.
11. Dynamic characteristics
Table 7. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Fig. 13.
-40 °C to +85 °C
-40 °C to +125 °C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Min
Max
Unit
SHCP to Q7S; see Fig. 7
[2]
VCC = 1.2 V
-
17.5
-
-
-
ns
VCC = 1.65 V to 1.95 V
2.0
6.6
15.8
2.0
18.2
ns
VCC = 2.3 V to 2.7 V
1.5
4.2
8.1
1.5
9.3
ns
VCC = 2.7 V
1.5
4.7
7.6
1.5
8.7
ns
VCC = 3.0 V to 3.6 V
1.5
4.0
6.7
1.5
7.7
ns
STCP to Qn; see Fig. 8
[2]
VCC = 1.2 V
-
16.8
-
-
-
ns
VCC = 1.65 V to 1.95 V
2.0
5.8
15.8
2.0
18.2
ns
VCC = 2.3 V to 2.7 V
1.5
3.7
8.1
1.5
9.3
ns
VCC = 2.7 V
1.5
4.0
7.6
1.5
8.7
ns
tpd
propagation delay
VCC = 3.0 V to 3.6 V
1.2
3.3
6.7
1.2
7.7
ns
MR to Q7S; see Fig. 11
VCC = 1.2 V
-
17.3
-
-
-
ns
VCC = 1.65 V to 1.95 V
2.0
6.9
15.8
2.0
18.2
ns
VCC = 2.3 V to 2.7 V
1.5
4.3
8.1
1.5
9.3
ns
VCC = 2.7 V
1.5
4.5
7.6
1.5
8.7
ns
tPHL
HIGH to LOW
propagation delay
VCC = 3.0 V to 3.6 V
1.2
3.8
6.7
1.2
7.7
ns
74LVC595A
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 3 — 19 November 2021
7 / 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com