Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F711A Datasheet (PDF) - NXP Semiconductors

74F711A Datasheet PDF - NXP Semiconductors
Part # 74F711A
Download  74F711A Download
File Size   132.87 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description consist of five 2-to-1 multiplexers designedfor address multiplexing of dynamic RAMs and other multiplexing applicationThe outputs source 15mA

74F711A Datasheet (PDF)

Go To PDF Page Download Datasheet
74F711A Datasheet PDF - NXP Semiconductors

Part # 74F711A
Download  74F711A Click to download

File Size   132.87 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description consist of five 2-to-1 multiplexers designedfor address multiplexing of dynamic RAMs and other multiplexing applicationThe outputs source 15mA

74F711A Datasheet (HTML) - NXP Semiconductors


74F711A Product details

74F711A Quint 2-to-1 Data Selector Multiplexer (3-State)
74F711-1 Quint 2-to-1 Data Selector Multiplexer with 30 Equivalent Output Termination Impedance (3-State)
74F712A Quint 3-to-1 Data Selector Multiplexer
74F712-1 Quint 3-to-1 Data Selector Multiplexer with 30 Equivalent Output Termination Impedance

DESCRIPTION
The 74F711A/74F711-1 consist of five 2-to-1 multiplexers designed for address multiplexing of dynamic RAMs and other multiplexing applications. The 74F711A has a common select (S) input, an Output Enable (OE) input and an Output Inverting (INV) input to control the 3-State outputs. The outputs source 15mA and sink 64mA. The 74F711-1 is the same as the 74F711A except that is has a 30 termination impedance on each output to reduce line noise and the 3-State outputs sink 5mA.

FEATURES for 74F711A/74F711-1
• Consists of five 2-to-1 Multiplexers
• High impedance PNP base inputs for reduced loading (20µA in High and Low states)
• Designed for address multiplexing of dynamic RAM and other applications
• Output inverting/non-inverting option
• 30 termination impedance on each output – 74F711-1
• Outputs sink 64mA (74F711A only)

FEATURES for 74F712A/74F712-1
• Consists of five 3-to-1 Multiplexers
• High impedance PNP base inputs for reduced loading (20µA in High and Low states)
• Designed for address multiplexing of dynamic RAM and other applications
• 30 termination impedance on each output – 74F712-1
• Outputs sink 64mA (74F712A only)




Similar Part No. - 74F711A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F723-1 PHILIPS-74F723-1 Datasheet
104Kb / 14P
Quad 2-to-1 data selector multiplexer 3-State
1990 Dec 13
74F723A PHILIPS-74F723A Datasheet
104Kb / 14P
Quad 2-to-1 data selector multiplexer 3-State
1990 Dec 13
74F725-1 PHILIPS-74F725-1 Datasheet
104Kb / 14P
Quad 2-to-1 data selector multiplexer 3-State
1990 Dec 13
74F725A PHILIPS-74F725A Datasheet
104Kb / 14P
Quad 2-to-1 data selector multiplexer 3-State
1990 Dec 13
logo
National Semiconductor ...
74F74 NSC-74F74 Datasheet
159Kb / 8P
Dual D-Type Positive Edge-Triggered Flip-Flop
More results


Similar Description - 74F711A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS157A TI-SN54ALS157A Datasheet
556Kb / 18P
QUADRUPLE 1-OF-2 DATA SELECTORS/MULTIPLEXERS
logo
Intersil Corporation
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
865MHz Multiplexing Amplifier
September 21, 2005
ISL59440 INTERSIL-ISL59440 Datasheet
573Kb / 12P
400MHz Multiplexing Amplifier
September 21, 2005
logo
Intel Corporation
3242 INTEL-3242 Datasheet
248Kb / 4P
ADDRESS MULTIPLEXER AND REFRESH COUNTER FOR 16K DYNAMIC RAMS
logo
Intersil Corporation
ISL59448 INTERSIL-ISL59448 Datasheet
676Kb / 14P
500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
March 29, 2006
ISL59446 INTERSIL-ISL59446 Datasheet
766Kb / 13P
500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
August 26, 2010
logo
NXP Semiconductors
CBTL06DP212 PHILIPS-CBTL06DP212 Datasheet
120Kb / 19P
CBTL06DP212 provides an additional level of multiplexing of AUX and DDC signals delivering true flexibility and choice.
Rev. 2-3 November 2011
logo
Renesas Technology Corp
ISL59446 RENESAS-ISL59446 Datasheet
909Kb / 14P
500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
ISL59448 RENESAS-ISL59448 Datasheet
848Kb / 14P
500MHz Triple 2:1 Gain-of-2, Multiplexing Amplifier
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com