Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6S91 Datasheet (PDF) - Microchip Technology

MCP6S91 Datasheet PDF - Microchip Technology
Part # MCP6S91
Download  MCP6S91 Download
File Size   528.26 Kbytes
Page   40 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Single-Ended, Rail-to-Rail I/O, Low-Gain PGA

MCP6S91 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP6S91 Datasheet PDF - Microchip Technology

Part # MCP6S91
Download  MCP6S91 Click to download

File Size   528.26 Kbytes
Page   40 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Single-Ended, Rail-to-Rail I/O, Low-Gain PGA

MCP6S91 Datasheet (HTML) - Microchip Technology


MCP6S91 Product details

Description

The Microchip Technology Inc. MCP6S91/2/3 are analog Programmable Gain Amplifiers (PGAs). They can be configured for gains from +1 V/V to +32 V/V and the input multiplexer can select one of up to two channels through a SPI port. The serial interface can also put the PGA into shutdown to conserve power. These PGAs are optimized for high-speed, low offset voltage and single-supply operation with rail-to-rail input and output capability. These specifications support single supply applications needing flexible performance or multiple inputs.



Features

• Multiplexed Inputs: 1 or 2 channels

• 8 Gain Selections:

   - +1, +2, +4, +5, +8, +10, +16 or +32 V/V

• Serial Peripheral Interface (SPI™)

• Rail-to-Rail Input and Output

• Low Gain Error: ±1% (max.)

• Offset Mismatch Between Channels: 0 µV

• High Bandwidth: 1 to 18 MHz (typ.)

• Low Noise: 10 nV/√Hz @ 10 kHz (typ.)

• Low Supply Current: 1.0 mA (typ.)

• Single Supply: 2.5V to 5.5V

• Extended Temperature Range: -40°C to +125°C



Typical Applications

• A/D Converter Driver

• Multiplexed Analog Applications

• Data Acquisition

• Industrial Instrumentation

• Test Equipment

• Medical Instrumentation



 




Similar Part No. - MCP6S91

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6S91 MICROCHIP-MCP6S91 Datasheet
526Kb / 40P
Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
09/27/04
More results


Similar Description - MCP6S91

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN4174 FAIRCHILD-FAN4174 Datasheet
511Kb / 14P
Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
GB15RF120K FAIRCHILD-GB15RF120K Datasheet
678Kb / 10P
Single, Ultra-Low Cost, Rail-to-Rail I/O, CMOS Amplifier
logo
Microchip Technology
MCP6S21 MICROCHIP-MCP6S21 Datasheet
880Kb / 43P
Single-Ended, Rail-to-Rail I/O, Low Gain PGA
2003
logo
Global Mixed-mode Techn...
G1214A GMT-G1214A Datasheet
306Kb / 1P
Rail-to-Rail I/O
logo
Microchip Technology
MCP6S92E-SN MICROCHIP-MCP6S92E-SN Datasheet
722Kb / 40P
Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
2004
MCP6S21 MICROCHIP-MCP6S21_13 Datasheet
761Kb / 42P
Single-Ended, Rail-to-Rail I/O, Low Gain PGA
10/26/12
MCP6S26-ISL MICROCHIP-MCP6S26-ISL Datasheet
761Kb / 42P
Single-Ended, Rail-to-Rail I/O, Low Gain PGA
10/26/12
MCP6S28-ISL MICROCHIP-MCP6S28-ISL Datasheet
761Kb / 42P
Single-Ended, Rail-to-Rail I/O, Low Gain PGA
10/26/12
MCP6S93-E MICROCHIP-MCP6S93-E Datasheet
526Kb / 40P
Single-Ended, Rail-to-Rail I/O, Low-Gain PGA
09/27/04
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
Single Rail-to-Rail I/O Operational Amplifier
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com