Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRO-OB-440 Datasheet (PDF) - Abracon Corporation

PRO-OB-440 Datasheet PDF - Abracon Corporation
Part # PRO-OB-440
Download  PRO-OB-440 Download
File Size   710.76 Kbytes
Page   11 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description OnBoard 2.4 GHz SMD - EVB

PRO-OB-440 Datasheet (PDF)

Go To PDF Page Download Datasheet
PRO-OB-440 Datasheet PDF - Abracon Corporation

Part # PRO-OB-440
Download  PRO-OB-440 Click to download

File Size   710.76 Kbytes
Page   11 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description OnBoard 2.4 GHz SMD - EVB

PRO-OB-440 Datasheet (HTML) - Abracon Corporation


PRO-OB-440 Product details

Description
The PRO-EB-450 Evaluation board is designed to provide a means to facilitate engineering evaluation of the OnBoard 2.4 GHz SMD antenna: PRO-OB-440. With a typical operating frequency range of 2.4 ~ 2.5 GHz, the antenna can be used for WiFi/BT/BLE/ZigBee/ISM applications.
To evaluate the performance of antenna, calibrate the Vector Network analyzer (VNA) for the testing frequency band and connect the evaluation board to the calibrated port using the given SMA connector on the board.




Similar Part No. - PRO-OB-440

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
PRO-OB-440 ABRACON-PRO-OB-440 Datasheet
835Kb / 12P
OnBoard 2.4 GHz SMD - Antenna
More results


Similar Description - PRO-OB-440

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A5645 ETC2-A5645 Datasheet
1Mb / 12P
Mica 2.4 GHz SMD Antenna
A5887 ETC2-A5887 Datasheet
957Kb / 14P
Rufa 2.4 GHz SMD Antenna
logo
Abracon Corporation
PRO-EB-453 ABRACON-PRO-EB-453 Datasheet
565Kb / 10P
OnBoard GNSS/GPS SMD - EVB
PRO-EB-472 ABRACON-PRO-EB-472 Datasheet
617Kb / 9P
OnBoard 868 MHz - EVB
PRO-EB-476 ABRACON-PRO-EB-476 Datasheet
626Kb / 9P
OnBoard 915 MHz - EVB
PRO-EB-550 ABRACON-PRO-EB-550 Datasheet
806Kb / 12P
2.4/5GHz OnBoard WLAN SMD - EVB
PRO-EB-609 ABRACON-PRO-EB-609 Datasheet
790Kb / 11P
OnBoard 2.4 GHz Mini SMD - EVB
PRO-OB-440 ABRACON-PRO-OB-440 Datasheet
835Kb / 12P
OnBoard 2.4 GHz SMD - Antenna
PRO-OB-536 ABRACON-PRO-OB-536 Datasheet
963Kb / 13P
2.4/5GHz OnBoard WLAN SMD - Antenna
PRO-OB-607 ABRACON-PRO-OB-607 Datasheet
886Kb / 12P
OnBoard 2.4 GHz Mini SMD - Antenna
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com