Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRO-EB-472 Datasheet (PDF) - Abracon Corporation

PRO-EB-472 Datasheet PDF - Abracon Corporation
Part # PRO-EB-472
Download  PRO-EB-472 Download
File Size   617.7 Kbytes
Page   9 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description OnBoard 868 MHz - EVB

PRO-EB-472 Datasheet (PDF)

Go To PDF Page Download Datasheet
PRO-EB-472 Datasheet PDF - Abracon Corporation

Part # PRO-EB-472
Download  PRO-EB-472 Click to download

File Size   617.7 Kbytes
Page   9 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description OnBoard 868 MHz - EVB

PRO-EB-472 Datasheet (HTML) - Abracon Corporation


PRO-EB-472 Product details

Description
The PRO-EB-472 Evaluation board is designed to provide a means to facilitate engineering evaluation of the OnBoard antenna: PRO-OB-471 for 868 MHz operation. With a typical operating frequency range of 860 ~ 870 MHz, the antenna can be used for LPWA/LoRA/SigFox/ISM applications.
To evaluate the performance of the antenna, calibrate the Vector Network analyzer (VNA) for the testing frequency band and connect the evaluation board to the calibrated port using the given SMA connector on the board.




Similar Part No. - PRO-EB-472

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
PRO-EB-472 ABRACON-PRO-EB-472 Datasheet
1Mb / 18P
OnBoard 868/915/8682400 MHz - Antenna
More results


Similar Description - PRO-EB-472

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1245A TAI-SAW-TA1245A Datasheet
424Kb / 7P
SAW Filter 868 MHz
TA1219A TAI-SAW-TA1219A Datasheet
413Kb / 7P
SAW Filter 868 MHz
TA1972A TAI-SAW-TA1972A Datasheet
318Kb / 6P
SAW Filter 868 MHz
logo
Linx Technologies
OC-LG LINX-OC-LG Datasheet
1Mb / 8P
868 MHz LPWA Antenna
2020
logo
Abracon Corporation
PRO-EB-450 ABRACON-PRO-EB-450 Datasheet
710Kb / 11P
OnBoard 2.4 GHz SMD - EVB
PRO-EB-453 ABRACON-PRO-EB-453 Datasheet
565Kb / 10P
OnBoard GNSS/GPS SMD - EVB
PRO-EB-476 ABRACON-PRO-EB-476 Datasheet
626Kb / 9P
OnBoard 915 MHz - EVB
PRO-EB-550 ABRACON-PRO-EB-550 Datasheet
806Kb / 12P
2.4/5GHz OnBoard WLAN SMD - EVB
PRO-EB-609 ABRACON-PRO-EB-609 Datasheet
790Kb / 11P
OnBoard 2.4 GHz Mini SMD - EVB
PRO-OB-471 ABRACON-PRO-OB-471 Datasheet
1Mb / 18P
OnBoard 868/915/8682400 MHz - Antenna
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com