Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRO-EB-472 Datasheet (PDF) - Abracon Corporation

PRO-EB-472 Datasheet PDF - Abracon Corporation
Part # PRO-EB-472
Download  PRO-EB-472 Download
File Size   1423.08 Kbytes
Page   18 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description OnBoard 868/915/8682400 MHz - Antenna

PRO-EB-472 Datasheet (PDF)

Go To PDF Page Download Datasheet
PRO-EB-472 Datasheet PDF - Abracon Corporation

Part # PRO-EB-472
Download  PRO-EB-472 Click to download

File Size   1423.08 Kbytes
Page   18 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description OnBoard 868/915/8682400 MHz - Antenna

PRO-EB-472 Datasheet (HTML) - Abracon Corporation


PRO-EB-472 Product details

Features
• Supports 868, 915 or 868+2400 MHz
• Profile of 4.93 mm
• Mixed Linear Polarization
• Surface Mount
• Durable-Shelf life of upto 10 years
• Three different evaluation boards available:
o “SMD 868” for 860-870 MHz
o “SMD 915” for 902-928 MHz
o “SMD 868+2400” for 860-870 + 2400-2500 MHz




Similar Part No. - PRO-EB-472

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
PRO-EB-472 ABRACON-PRO-EB-472 Datasheet
617Kb / 9P
OnBoard 868 MHz - EVB
More results


Similar Description - PRO-EB-472

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W5017 PULSE-W5017 Datasheet
859Kb / 2P
IP-65 Outdoor 868 915 MHz Antenna
L122 PULSE-L122 Datasheet
859Kb / 2P
IP-65 Outdoor 868 & 915 MHz Antenna
logo
TE Connectivity Ltd
2195835-1 TEC-2195835-1 Datasheet
823Kb / 7P
ISM 868 / 915 MHz ANTENNA
2195849-1 TEC-2195849-1 Datasheet
798Kb / 7P
ISM 868 / 915 MHz ANTENNA
logo
Linx Technologies
ANT-8-IPW1-SMA LINX-ANT-8-IPW1-SMA Datasheet
1Mb / 12P
868/915 MHz LPWA Weatherproof Antenna
2021
ANT-8-IPW2-NP LINX-ANT-8-IPW2-NP Datasheet
1Mb / 12P
868/915 MHz Outdoor LPWA Antenna
2021
ANT-8-SPNF2 LINX-ANT-8-SPNF2 Datasheet
784Kb / 8P
Panel Mount 868/915 MHz LPWA Antenna
2021
ANT-9-HDP-2000-SMA LINX-ANT-9-HDP-2000-SMA Datasheet
980Kb / 8P
Remote Adhesive-Mount 868 MHz/915 MHz Antenna
2021
ANT-9-SPNF1 LINX-ANT-9-SPNF1 Datasheet
840Kb / 8P
Panel Mount 868/915 MHz LPWA Antenna
2021
logo
AVX Corporation
M620720 AVX-M620720 Datasheet
503Kb / 7P
ISM 868 & 915 MHz Embedded Ceramic Antenna
11/15/2018
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com