Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F776 Datasheet (PDF) - NXP Semiconductors

74F776 Datasheet PDF - NXP Semiconductors
Part # 74F776
Download  74F776 Download
File Size   108.03 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Pi-bus transceiver

74F776 Datasheet (PDF)

Go To PDF Page Download Datasheet
74F776 Datasheet PDF - NXP Semiconductors

Part # 74F776
Download  74F776 Click to download

File Size   108.03 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Pi-bus transceiver

74F776 Datasheet (HTML) - NXP Semiconductors


74F776 Product details

DESCRIPTION
The 74F776 is an octal bidirectional latched transceiver and is intended to provide the electrical interface to a high performance wired–OR bus. The B port inverting drivers are low–capacitance open collector with controlled ramp and are designed to sink 100mA from 2 volts. The B port inverting receivers have a 100 mV threshold region and a 4ns glitch filter.
The 74F776 B port interfaces to ’Backplane Transceiver Logic’ (BTL). BTL features a reduced (1V to 2V) voltage swing for lower power consumption and a series diode on the drivers to reduce capacitive loading. Incident wave switching is employed, therefore BTL propagation delays are short. Although the voltage swing is less for BTL, so is its receiver threshold, therefore noise margins are excellent.
BTL offers low power consumption, low ground bounce, EMI and crosstalk, low capacitive loading, superior noise margin and low propagation delays. This results in a high bandwidth, reliable backplane.

FEATURES
• Octal latched transceiver
• Drives heavily loaded backplanes with equivalent load impedances
   down to 10 ohms
• High drive (100mA) open collector drivers on B port
• Reduced voltage swing (1 volt) produces less noise and reduces
   power consumption
• High speed operation enhances performance of backplane buses
   and facilitates incident wave switching
• Compatible with Pi–bus and IEEE 896 Futurebus standards
• Built–in precision band–gap reference provides accurate receiver
   thresholds and improved noise immunity
• Controlled output ramp and multiple GND pins minimize ground
   bounce
• Glitch–free power up/power down operation
• Multiple package options
• Industrial temperature range available (–40°C to +85°C)




Similar Part No. - 74F776

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F777 PHILIPS-74F777 Datasheet
98Kb / 12P
Triple bidirectional latched bus transceiver 3-State open collector
1992 May 19
74F779 PHILIPS-74F779 Datasheet
100Kb / 12P
8-bit bidirectional binary counter 3-State
1989 Sep 20
logo
Fairchild Semiconductor
74F779 FAIRCHILD-74F779 Datasheet
74Kb / 7P
8-Bit Bidirectional Binary Counter with 3-STATE Outputs
74F779PC FAIRCHILD-74F779PC Datasheet
74Kb / 7P
8-Bit Bidirectional Binary Counter with 3-STATE Outputs
logo
National Semiconductor ...
74F779PCQR NSC-74F779PCQR Datasheet
176Kb / 8P
8-Bit Bidirectional Binary Counter with TRI-STATE Outputs
More results


Similar Description - 74F776

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS1776 NSC-DS1776 Datasheet
204Kb / 11P
PI-Bus Transceiver
logo
Toshiba Semiconductor
TC74LVX245F TOSHIBA-TC74LVX245F Datasheet
270Kb / 8P
OCTAL BUS TRANSCEIVER
logo
Texas Instruments
SN65LBC182 TI-SN65LBC182 Datasheet
290Kb / 15P
DIFFERENTIAL BUS TRANSCEIVER
logo
ON Semiconductor
MC74VHC245 ONSEMI-MC74VHC245 Datasheet
178Kb / 8P
Octal Bus Transceiver
March, 2006 ??Rev. 5
logo
Texas Instruments
TL3695 TI1-TL3695_12 Datasheet
507Kb / 20P
DIFFERENTIAL BUS TRANSCEIVER
SN65LBC176QDRQ1 TI1-SN65LBC176QDRQ1 Datasheet
741Kb / 14P
DIFFERENTIAL BUS TRANSCEIVER
DS1776QML TI1-DS1776QML Datasheet
345Kb / 16P
Pi-Bus Transceiver
logo
PHOENIX CONTACT
1334220 PHOENIX-1334220 Datasheet
385Kb / 10P
Transceiver - FOC-CAGE:SFP/SFP:1X1:PI
1334221 PHOENIX-1334221 Datasheet
388Kb / 10P
Transceiver - FOC-CAGE:SFP/SFP:1X2:PI
1334222 PHOENIX-1334222 Datasheet
385Kb / 10P
Transceiver - FOC-CAGE:SFP/SFP:1X4:PI
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com