Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F779 Datasheet (PDF) - NXP Semiconductors

74F779 Datasheet PDF - NXP Semiconductors
Part # 74F779
Download  74F779 Download
File Size   100.79 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit bidirectional binary counter 3-State

74F779 Datasheet (PDF)

Go To PDF Page Download Datasheet
74F779 Datasheet PDF - NXP Semiconductors

Part # 74F779
Download  74F779 Click to download

File Size   100.79 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit bidirectional binary counter 3-State

74F779 Datasheet (HTML) - NXP Semiconductors


74F779 Product details

DESCRIPTION
The 74F779 is a fully synchronous 8-stage Up/Down Counter with multiplexed 3-State I/O ports for bus-oriented applications. All control functions (hold, count up, count down, synchronous load) are controlled by two mode pine (S0, S1). The device also features carry look-ahead for easy cascading. All state changes are initiated by the rising edge of the clock. When CET is High the data outputs are held in their current state and TC is held High. The TC output is not recommended for use as a clock or asynchronous reset due to the possibility of decoding spikes.

FEATURES
• Multiplexed 3-State I/O ports for bus oriented applications
• Built-in look-ahead carry capability
• Center power pins to reduce effects of package inductance
• Count frequency 145MHz typical
• Supply current 90mA typical
• See 74F269 for 24-pin separate I/O port version
• See 74F579 for 20-pin version
• See 74F1779 for extended function version of the 74F799




Similar Part No. - 74F779

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F779 FAIRCHILD-74F779 Datasheet
74Kb / 7P
8-Bit Bidirectional Binary Counter with 3-STATE Outputs
74F779PC FAIRCHILD-74F779PC Datasheet
74Kb / 7P
8-Bit Bidirectional Binary Counter with 3-STATE Outputs
logo
National Semiconductor ...
74F779PCQR NSC-74F779PCQR Datasheet
176Kb / 8P
8-Bit Bidirectional Binary Counter with TRI-STATE Outputs
logo
Fairchild Semiconductor
74F779SC FAIRCHILD-74F779SC Datasheet
74Kb / 7P
8-Bit Bidirectional Binary Counter with 3-STATE Outputs
More results


Similar Description - 74F779

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F1779 PHILIPS-74F1779 Datasheet
110Kb / 12P
8-bit bidirectional binary counter -State
1989 Apr 06
74F269 PHILIPS-74F269 Datasheet
118Kb / 14P
8-bit bidirectional binary counter
1996 Jan 05
74F579 PHILIPS-74F579 Datasheet
112Kb / 14P
8-bit bidirectional binary counter 3-State
1992 May 04
logo
Fairchild Semiconductor
74F269 FAIRCHILD-74F269 Datasheet
53Kb / 6P
8-Bit Bidirectional Binary Counter
74F579 FAIRCHILD-74F579 Datasheet
71Kb / 7P
8-Bit Bidirectional Binary Counter with 3-STATE Outputs
74F779 FAIRCHILD-74F779 Datasheet
74Kb / 7P
8-Bit Bidirectional Binary Counter with 3-STATE Outputs
74F579 FAIRCHILD-74F579_00 Datasheet
84Kb / 8P
8-Bit Bidirectional Binary Counter with 3-STATE Outputs
74F269 FAIRCHILD-74F269_07 Datasheet
145Kb / 9P
8-Bit Bidirectional Binary Counter
logo
NXP Semiconductors
74F269 NXP-74F269 Datasheet
177Kb / 19P
8-bit bidirectional binary counter
Rev. 05-25 March 2010
logo
Motorola, Inc
MC74F579 MOTOROLA-MC74F579 Datasheet
136Kb / 4P
8-BIT BIDIRECTIONAL BINARY COUNTER (3-STATE)
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com