Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F579 Datasheet (PDF) - NXP Semiconductors

74F579 Datasheet PDF - NXP Semiconductors
Part # 74F579
Download  74F579 Download
File Size   112.73 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit bidirectional binary counter 3-State

74F579 Datasheet (PDF)

Go To PDF Page Download Datasheet
74F579 Datasheet PDF - NXP Semiconductors

Part # 74F579
Download  74F579 Click to download

File Size   112.73 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit bidirectional binary counter 3-State

74F579 Datasheet (HTML) - NXP Semiconductors


74F579 Product details

DESCRIPTION

The 74F579 is a fully synchronous 8-stage Up/Down Counter with multiplexed 3-State I/O ports for bus-oriented applications. It features a preset capability for programmable operation, carry look-ahead for easy cascading and a U/D input to control the direction of counting. All state changes, except for the case of asynchronous reset, are initiated by the rising edge of the clock. TC output is not recommended for use as a clock or asynchronous reset due to the possibility of decoding spikes.



FEATURES

• Fully synchronous operation

• Multiplexed 3-State I/O ports for bus oriented applications

• Built in cascading carry capability

• U/D pin to control direction of counting

• Separate pins for Master reset and Synchronous operation

• Center power pins to reduce effects of package inductance

• Count frequency 115MHz Typ

• Supply current 100mA Typ

• See 74F269 for 24-pin separate I/O port version

• See 74F779 for 16-pin version



 




Similar Part No. - 74F579

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F579 FAIRCHILD-74F579 Datasheet
71Kb / 7P
8-Bit Bidirectional Binary Counter with 3-STATE Outputs
74F579 FAIRCHILD-74F579 Datasheet
84Kb / 8P
8-Bit Bidirectional Binary Counter with 3-STATE Outputs
74F579PC FAIRCHILD-74F579PC Datasheet
71Kb / 7P
8-Bit Bidirectional Binary Counter with 3-STATE Outputs
74F579PC FAIRCHILD-74F579PC Datasheet
84Kb / 8P
8-Bit Bidirectional Binary Counter with 3-STATE Outputs
logo
National Semiconductor ...
74F579PCQR NSC-74F579PCQR Datasheet
197Kb / 8P
8-Bit Bidirectional Binary Counter with TRI-STATE Outputs
More results


Similar Description - 74F579

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F1779 PHILIPS-74F1779 Datasheet
110Kb / 12P
8-bit bidirectional binary counter -State
1989 Apr 06
74F269 PHILIPS-74F269 Datasheet
118Kb / 14P
8-bit bidirectional binary counter
1996 Jan 05
74F779 PHILIPS-74F779 Datasheet
100Kb / 12P
8-bit bidirectional binary counter 3-State
1989 Sep 20
logo
Fairchild Semiconductor
74F269 FAIRCHILD-74F269 Datasheet
53Kb / 6P
8-Bit Bidirectional Binary Counter
74F579 FAIRCHILD-74F579 Datasheet
71Kb / 7P
8-Bit Bidirectional Binary Counter with 3-STATE Outputs
74F779 FAIRCHILD-74F779 Datasheet
74Kb / 7P
8-Bit Bidirectional Binary Counter with 3-STATE Outputs
74F579 FAIRCHILD-74F579_00 Datasheet
84Kb / 8P
8-Bit Bidirectional Binary Counter with 3-STATE Outputs
74F269 FAIRCHILD-74F269_07 Datasheet
145Kb / 9P
8-Bit Bidirectional Binary Counter
logo
NXP Semiconductors
74F269 NXP-74F269 Datasheet
177Kb / 19P
8-bit bidirectional binary counter
Rev. 05-25 March 2010
logo
Motorola, Inc
MC74F579 MOTOROLA-MC74F579 Datasheet
136Kb / 4P
8-BIT BIDIRECTIONAL BINARY COUNTER (3-STATE)
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com