Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F1779 Datasheet (PDF) - NXP Semiconductors

74F1779 Datasheet PDF - NXP Semiconductors
Part # 74F1779
Download  74F1779 Download
File Size   110.67 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit bidirectional binary counter -State

74F1779 Datasheet (PDF)

Go To PDF Page Download Datasheet
74F1779 Datasheet PDF - NXP Semiconductors

Part # 74F1779
Download  74F1779 Click to download

File Size   110.67 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 8-bit bidirectional binary counter -State

74F1779 Datasheet (HTML) - NXP Semiconductors


74F1779 Product details

DESCRIPTION
The 74F1779 is a fully synchronous 8-stage up/down counter with multiplexed 3-State I/O ports for bus-oriented applications. All control functions (hold, count up, count down, synchronous load) are controlled by two mode pins (S0, S1). The device also features carry look-ahead for easy cascading. All state changes are initiated by the rising edge of the clock. When CET is High, the data outputs are held in their current state and TC is held High. the TC output is not recommended for use as a clock or asynchronous reset due to the possibility of decoding spikes.

FEATURES
• Multiplexed 3-State I/O ports for bus oriented applications
• Built-in look-ahead carry capability
• Center power pins to reduce effects of package inductance
• Count frequency 145MHz typical
• Supply current 90mA typical
• See 74F269 for 24-pin separate I/O port version
• See 74F579 for 20-pin version
• See 74F779 for 16-pin version with abbreviated function table




Similar Part No. - 74F1779

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F173 PHILIPS-74F173 Datasheet
88Kb / 10P
Quad D-type flip-flop 3-State
1990 Aug 31
logo
National Semiconductor ...
74F174 NSC-74F174 Datasheet
166Kb / 8P
Hex D Flip-Flop with Master Reset
logo
NXP Semiconductors
74F174 PHILIPS-74F174 Datasheet
75Kb / 8P
Hex D flip-flops
1988 Oct 07
logo
Fairchild Semiconductor
74F174 FAIRCHILD-74F174 Datasheet
57Kb / 6P
Hex D-Type Flip-Flop with Master Reset
74F174 FAIRCHILD-74F174 Datasheet
79Kb / 7P
Hex D-Type Flip-Flop with Master Reset
More results


Similar Description - 74F1779

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F579 NSC-54F579 Datasheet
197Kb / 8P
8-Bit Bidirectional Binary Counter with TRI-STATE Outputs
logo
NXP Semiconductors
74F269 PHILIPS-74F269 Datasheet
118Kb / 14P
8-bit bidirectional binary counter
1996 Jan 05
74F579 PHILIPS-74F579 Datasheet
112Kb / 14P
8-bit bidirectional binary counter 3-State
1992 May 04
74F779 PHILIPS-74F779 Datasheet
100Kb / 12P
8-bit bidirectional binary counter 3-State
1989 Sep 20
logo
Fairchild Semiconductor
74F269 FAIRCHILD-74F269 Datasheet
53Kb / 6P
8-Bit Bidirectional Binary Counter
74F269 FAIRCHILD-74F269 Datasheet
69Kb / 6P
8-Bit Bidirectional Binary Counter
logo
Motorola, Inc
MC74F269 MOTOROLA-MC74F269 Datasheet
156Kb / 5P
8-BIT BIDIRECTIONAL BINARY COUNTER
logo
Fairchild Semiconductor
74F269 FAIRCHILD-74F269_07 Datasheet
145Kb / 9P
8-Bit Bidirectional Binary Counter
logo
NXP Semiconductors
74F269 NXP-74F269 Datasheet
177Kb / 19P
8-bit bidirectional binary counter
Rev. 05-25 March 2010
logo
Motorola, Inc
MC74F579 MOTOROLA-MC74F579 Datasheet
136Kb / 4P
8-BIT BIDIRECTIONAL BINARY COUNTER (3-STATE)
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com