Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH601 Datasheet (PDF) - Vishay Siliconix

SFH601 Datasheet PDF - Vishay Siliconix
Part # SFH601
Download  SFH601 Download
File Size   212.86 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, With Base Connection

SFH601 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH601 Datasheet PDF - Vishay Siliconix

Part # SFH601
Download  SFH601 Click to download

File Size   212.86 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, With Base Connection

SFH601 Datasheet (HTML) - Vishay Siliconix


SFH601 Product details

DESCRIPTION
The SFH601 has a GaAs infrared emitting diode emitter,
which is optically coupled to a silicon planar phototransistor
detector, and is incorporated in a plastic DIP-6 package.
It features a high current transfer ratio, low coupling
capacitance, and high isolation voltage.
The coupling device is designed for signal transmission
between two electrically separated circuits.

FEATURES
• Isolation test voltage, 5000 VRMS
• Low coupling capacitance
• High common mode transient immunity
• Storage temperature, -55 ° to +150 °C
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912




Similar Part No. - SFH601

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH601 SIEMENS-SFH601 Datasheet
159Kb / 4P
TRIOS PHOTOTRANSISTOR OPTOCOUPLER
logo
Vishay Siliconix
SFH601 VISHAY-SFH601 Datasheet
142Kb / 10P
Optocoupler, Phototransistor Output, with Base Connection
25-Jan-08
SFH601 VISHAY-SFH601 Datasheet
158Kb / 10P
Optocoupler, Phototransistor Output, with Base Connection
19-Aug-13
SFH601 VISHAY-SFH601 Datasheet
171Kb / 10P
Optocoupler, Phototransistor Output, with Base Connection
23-Jul-15
SFH601 VISHAY-SFH601 Datasheet
212Kb / 10P
Optocoupler, Phototransistor Output, With Base Connection
18-Jun-2019
More results


Similar Description - SFH601

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17 VISHAY-CNY17 Datasheet
192Kb / 10P
Optocoupler, Phototransistor Output, With Base Connection
26-Oct-04
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
26-Jan-05
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
08-May-08
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
Optocoupler, Phototransistor Output,with Base Connection
08-May-08
SFH600 VISHAY-SFH600 Datasheet
137Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
10-Jan-08
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
Optocoupler, Phototransistor Output, with Base Connection
23-Jul-15
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
Optocoupler, Phototransistor Output, with Base Connection
23-Jul-15
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
08-Jan-14
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
08-Jan-14
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
15-Apr-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com