Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH601 Datasheet (PDF) - Siemens Semiconductor Group

SFH601 Datasheet PDF - Siemens Semiconductor Group
Part # SFH601
Download  SFH601 Download
File Size   159.53 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description TRIOS PHOTOTRANSISTOR OPTOCOUPLER

SFH601 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH601 Datasheet PDF - Siemens Semiconductor Group

Part # SFH601
Download  SFH601 Click to download

File Size   159.53 Kbytes
Page   4 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description TRIOS PHOTOTRANSISTOR OPTOCOUPLER

SFH601 Datasheet (HTML) - Siemens Semiconductor Group


SFH601 Product details

DESCRIPTION

The SFH601 is an optocoupler with a Gallium Arsenide LED emitter which is optically coupled with a silicon planar phototransistor detector. The component is packeged in a plastic plug-in case 20 AB DIN 41866.



FEATURES

• High Current Transfer Ratios

SFH601-1, 40 to 80%

SFH601-2, 63 to 125%

SFH601-3 ,100 to 200%

SFH601-4, 160 to 320%

• Isolation Test Voltage (1 Sec.), 5300 VACRMS

• VCEsat 0.25 (≤0.4) V, IF=10 mA, IC=2.5 mA

• Built to conform to VDE Requirements

• Highest Quality Premium Device

• Long Term Stability

• Storage Temperature, –55∞to +150∞C




Similar Part No. - SFH601

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH601 VISHAY-SFH601 Datasheet
142Kb / 10P
Optocoupler, Phototransistor Output, with Base Connection
25-Jan-08
SFH601 VISHAY-SFH601 Datasheet
158Kb / 10P
Optocoupler, Phototransistor Output, with Base Connection
19-Aug-13
SFH601 VISHAY-SFH601 Datasheet
171Kb / 10P
Optocoupler, Phototransistor Output, with Base Connection
23-Jul-15
SFH601 VISHAY-SFH601 Datasheet
212Kb / 10P
Optocoupler, Phototransistor Output, With Base Connection
18-Jun-2019
SFH601 VISHAY-SFH601 Datasheet
212Kb / 10P
Optocoupler, Phototransistor Output, With Base Connection
18-Jun-2019
More results


Similar Description - SFH601

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6135 VISHAY-SFH6135 Datasheet
448Kb / 4P
HIGH-SPEED 5.3 kV TRIOS OPTOCOUPLER
17-August-01
SFH618A VISHAY-SFH618A Datasheet
473Kb / 4P
Phototransistor, 5.3 kV TRIOS Low Current Input Optocoupler
17-August-01
logo
Siemens Semiconductor G...
6N135 SIEMENS-6N135 Datasheet
85Kb / 3P
HIGH-SPEED 2.5 kV TRIOS OPTOCOUPLER
CNY17 SIEMENS-CNY17 Datasheet
146Kb / 4P
TRIOS??PHOTOTRANSISTOR OPTOCOUPLER
SFH600 SIEMENS-SFH600 Datasheet
160Kb / 4P
TRIOS PHOTOTRANSISTOR OPTOCOUPLER
SFH6016 SIEMENS-SFH6016 Datasheet
206Kb / 5P
5.3 KV TRIOS OPTOCOUPLER HIGH RELIABILITY
SFH608 SIEMENS-SFH608 Datasheet
103Kb / 3P
PHOTOTRANSISTOR, 5.3 KV, TRIOS LOW CURRENT OPTOCOUPLER
SFH620A SIEMENS-SFH620A Datasheet
93Kb / 3P
5.3 kV TRIOS OPTOCOUPLER AC VOLTAGE INPUT
SFH640 SIEMENS-SFH640 Datasheet
90Kb / 3P
PHOTOTRANSISTOR 5.3 KV TRIOS HIGH BV CER VOLTAGE OPTOCOUPLER
logo
Infineon Technologies A...
SFH610A INFINEON-SFH610A Datasheet
426Kb / 3P
5.3 kV TRIOS Optocoupler High Reliability
March 27, 2000-00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com