Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH608 Datasheet (PDF) - Siemens Semiconductor Group

SFH608 Datasheet PDF - Siemens Semiconductor Group
Part # SFH608
Download  SFH608 Download
File Size   103.47 Kbytes
Page   3 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PHOTOTRANSISTOR, 5.3 KV, TRIOS LOW CURRENT OPTOCOUPLER

SFH608 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH608 Datasheet PDF - Siemens Semiconductor Group

Part # SFH608
Download  SFH608 Click to download

File Size   103.47 Kbytes
Page   3 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PHOTOTRANSISTOR, 5.3 KV, TRIOS LOW CURRENT OPTOCOUPLER

SFH608 Datasheet (HTML) - Siemens Semiconductor Group


SFH608 Product details

DESCRIPTION
The SFH 608 is an optocoupler designed for high current transfer ratio at low input currents with the output transistor saturated. This makes the device ideal for low current switching applications. The SFH608 is packaged in a six pin plastic DIP.
* TRIOS—TRansparent IOn Shield

FEATURES
• Very High CTR at IF=1 mA, VCE=0.5 V
   - SFH608-2, 63-125%
   - SFH608-3, 100-200%
   - SFH608-4, 160-320%
   - SFH608-5, 250-500%
• Specified Minimum CTR at IF=0.5 mA, VCE=1.5 V: ≥ 32% (typ. 120%)
• Good CTR Linearity with Forward Current
• Low CTR Degradation
• High Collector-Emitter Voltage VCEO=55 V
• Isolation Test Voltage: 5300 VACRMS
• Low Current Input
• Low Coupling Capacitance
• High Common Mode Transient Immunity
• Phototransistor Optocoupler in 6 Pin DIP Package
• Field Effect Stable: TRIOS*
• VDE 0884 Available with Option 1
• Underwriters Lab File #E52744
• Applications
   - Telecommunications
   - Industrial Controls
   - Office Machines
   - Microprocessor System Interfaces




Similar Part No. - SFH608

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH608 VISHAY-SFH608 Datasheet
1Mb / 8P
Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
26-Oct-04
SFH608 VISHAY-SFH608 Datasheet
1Mb / 9P
Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
26-Oct-04
SFH608-2 VISHAY-SFH608-2 Datasheet
1Mb / 8P
Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
26-Oct-04
SFH608-2 VISHAY-SFH608-2 Datasheet
1Mb / 9P
Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
26-Oct-04
SFH608-2-X006 VISHAY-SFH608-2-X006 Datasheet
1Mb / 8P
Optocoupler, Phototransistor Output, Low Input Current, With Base Connection, 5300 VRMS
26-Oct-04
More results


Similar Description - SFH608

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6135 VISHAY-SFH6135 Datasheet
448Kb / 4P
HIGH-SPEED 5.3 kV TRIOS OPTOCOUPLER
17-August-01
SFH618A VISHAY-SFH618A Datasheet
473Kb / 4P
Phototransistor, 5.3 kV TRIOS Low Current Input Optocoupler
17-August-01
logo
Siemens Semiconductor G...
CNY17 SIEMENS-CNY17 Datasheet
146Kb / 4P
TRIOS??PHOTOTRANSISTOR OPTOCOUPLER
SFH600 SIEMENS-SFH600 Datasheet
160Kb / 4P
TRIOS PHOTOTRANSISTOR OPTOCOUPLER
SFH601 SIEMENS-SFH601 Datasheet
159Kb / 4P
TRIOS PHOTOTRANSISTOR OPTOCOUPLER
SFH6016 SIEMENS-SFH6016 Datasheet
206Kb / 5P
5.3 KV TRIOS OPTOCOUPLER HIGH RELIABILITY
SFH620A SIEMENS-SFH620A Datasheet
93Kb / 3P
5.3 kV TRIOS OPTOCOUPLER AC VOLTAGE INPUT
SFH620AA SIEMENS-SFH620AA Datasheet
74Kb / 3P
5.3 kV TRIOS Optocoupler AC Voltage Input
SFH640 SIEMENS-SFH640 Datasheet
90Kb / 3P
PHOTOTRANSISTOR 5.3 KV TRIOS HIGH BV CER VOLTAGE OPTOCOUPLER
logo
Infineon Technologies A...
SFH610A INFINEON-SFH610A Datasheet
426Kb / 3P
5.3 kV TRIOS Optocoupler High Reliability
March 27, 2000-00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com