Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH640 Datasheet (PDF) - Siemens Semiconductor Group

SFH640 Datasheet PDF - Siemens Semiconductor Group
Part # SFH640
Download  SFH640 Download
File Size   90.6 Kbytes
Page   3 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PHOTOTRANSISTOR 5.3 KV TRIOS HIGH BV CER VOLTAGE OPTOCOUPLER

SFH640 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH640 Datasheet PDF - Siemens Semiconductor Group

Part # SFH640
Download  SFH640 Click to download

File Size   90.6 Kbytes
Page   3 Pages
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group
Description PHOTOTRANSISTOR 5.3 KV TRIOS HIGH BV CER VOLTAGE OPTOCOUPLER

SFH640 Datasheet (HTML) - Siemens Semiconductor Group


SFH640 Product details

DESCRIPTION
The SFH 640 is an optocoupler with very high BVCER, a minimum of 300 volts. It is intended for telecommunications applications or any DC application requiring a high blocking voltage. The SFH640 is a “better than” replacement for H11D1.

FEATURES
• CTR at IF=10 mA, VCE=10 V
    SFH640-1, 40-80%
    SFH640-2, 63-125%
    SFH640-3*, 100-200%
• Good CTR Linearity with Forward Current
• Low CTR Degradation
• Very High Collector-Emitter Breakdown Voltage, BVCER=300 V
• Isolation Test Voltage: 5300 VACRMS
• Low Coupling Capacitance
• High Common Mode Transient Immunity
• Phototransistor Optocoupler
    6 Pin DIP Package with Base Connection
• Field Effect Stable: TRIOS+
• VDE 0884 Available with Option 1
• Underwriters Lab File #E52744




Similar Part No. - SFH640

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH640 VISHAY-SFH640 Datasheet
124Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection, 300 V BVCEO
01-Dec-05
SFH640 VISHAY-SFH640 Datasheet
203Kb / 10P
Optocoupler, Phototransistor Output, With Base Connection, 300 V BVCEO
02-Dec-2020
SFH640 VISHAY-SFH640 Datasheet
204Kb / 10P
Optocoupler, Phototransistor Output, With Base Connection, 300 V BVCEO
02-Dec-2020
SFH640-1 VISHAY-SFH640-1 Datasheet
124Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection, 300 V BVCEO
01-Dec-05
SFH640-2 VISHAY-SFH640-2 Datasheet
124Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection, 300 V BVCEO
01-Dec-05
More results


Similar Description - SFH640

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6135 VISHAY-SFH6135 Datasheet
448Kb / 4P
HIGH-SPEED 5.3 kV TRIOS OPTOCOUPLER
17-August-01
SFH618A VISHAY-SFH618A Datasheet
473Kb / 4P
Phototransistor, 5.3 kV TRIOS Low Current Input Optocoupler
17-August-01
logo
Siemens Semiconductor G...
CNY17 SIEMENS-CNY17 Datasheet
146Kb / 4P
TRIOS??PHOTOTRANSISTOR OPTOCOUPLER
SFH600 SIEMENS-SFH600 Datasheet
160Kb / 4P
TRIOS PHOTOTRANSISTOR OPTOCOUPLER
SFH601 SIEMENS-SFH601 Datasheet
159Kb / 4P
TRIOS PHOTOTRANSISTOR OPTOCOUPLER
SFH6016 SIEMENS-SFH6016 Datasheet
206Kb / 5P
5.3 KV TRIOS OPTOCOUPLER HIGH RELIABILITY
SFH608 SIEMENS-SFH608 Datasheet
103Kb / 3P
PHOTOTRANSISTOR, 5.3 KV, TRIOS LOW CURRENT OPTOCOUPLER
SFH620A SIEMENS-SFH620A Datasheet
93Kb / 3P
5.3 kV TRIOS OPTOCOUPLER AC VOLTAGE INPUT
SFH620AA SIEMENS-SFH620AA Datasheet
74Kb / 3P
5.3 kV TRIOS Optocoupler AC Voltage Input
logo
Infineon Technologies A...
SFH610A INFINEON-SFH610A Datasheet
426Kb / 3P
5.3 kV TRIOS Optocoupler High Reliability
March 27, 2000-00
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com