Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH640 Datasheet (PDF) - Vishay Siliconix

SFH640 Datasheet PDF - Vishay Siliconix
Part # SFH640
Download  SFH640 Download
File Size   204.22 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, With Base Connection, 300 V BVCEO

SFH640 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH640 Datasheet PDF - Vishay Siliconix

Part # SFH640
Download  SFH640 Click to download

File Size   204.22 Kbytes
Page   10 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Optocoupler, Phototransistor Output, With Base Connection, 300 V BVCEO

SFH640 Datasheet (HTML) - Vishay Siliconix


SFH640 Product details

DESCRIPTION
The SFH640 has a GaAs infrared emitting diode emitter,
which is optically coupled to a silicon planar phototransistor
detector, and is incorporated in a plastic DIP-6 package.
It features a high current transfer ratio, low coupling
capacitance, and high isolation voltage.
The coupling device is designed for signal transmission
between two electrically separated circuits.

FEATURES
• Phototransistor optocoupler in a 6 pin DIP
package with base connection
• Very high collector emitter breakdown voltage,
BVCEO = 300 V
• Isolation rated voltage: 5000 VRMS
• Low coupling capacitance
• High common m;ode transient immunity
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912




Similar Part No. - SFH640

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH640 SIEMENS-SFH640 Datasheet
90Kb / 3P
PHOTOTRANSISTOR 5.3 KV TRIOS HIGH BV CER VOLTAGE OPTOCOUPLER
logo
Vishay Siliconix
SFH640 VISHAY-SFH640 Datasheet
124Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection, 300 V BVCEO
01-Dec-05
SFH640 VISHAY-SFH640 Datasheet
203Kb / 10P
Optocoupler, Phototransistor Output, With Base Connection, 300 V BVCEO
02-Dec-2020
logo
Siemens Semiconductor G...
SFH640-1 SIEMENS-SFH640-1 Datasheet
90Kb / 3P
PHOTOTRANSISTOR 5.3 KV TRIOS HIGH BV CER VOLTAGE OPTOCOUPLER
logo
Vishay Siliconix
SFH640-1 VISHAY-SFH640-1 Datasheet
124Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection, 300 V BVCEO
01-Dec-05
More results


Similar Description - SFH640

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
26-Jan-05
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
08-May-08
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
Optocoupler, Phototransistor Output,with Base Connection
08-May-08
SFH640 VISHAY-SFH640 Datasheet
124Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection, 300 V BVCEO
01-Dec-05
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
Optocoupler, Phototransistor Output, with Base Connection
23-Jul-15
H11D3 VISHAY-H11D3_V01 Datasheet
196Kb / 10P
Optocoupler, Phototransistor Output, With Base Connection, High BVCEO Voltage
18-Jun-2019
SFH640 VISHAY-SFH640_V01 Datasheet
203Kb / 10P
Optocoupler, Phototransistor Output, With Base Connection, 300 V BVCEO
02-Dec-2020
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
08-Jan-14
H11D1 VISHAY-H11D1_V02 Datasheet
196Kb / 10P
Optocoupler, Phototransistor Output, With Base Connection, High BVCEO Voltage
18-Jun-2019
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
Optocoupler, Phototransistor Output, With Base Connection
15-Apr-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com