Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH640 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # SFH640
Description  PHOTOTRANSISTOR 5.3 KV TRIOS HIGH BV CER VOLTAGE OPTOCOUPLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH640 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  SFH640 Datasheet HTML 1Page - Siemens Semiconductor Group SFH640 Datasheet HTML 2Page - Siemens Semiconductor Group SFH640 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
5–2
SFH640
Characteristics (TA=25°C, unless otherwise specified)
Figure 1. Switching times measurement-test circuit and waveform
Switching Times (Typical)
IC=2 mA (to adjust by IF), RL=100 Ω, TA=25°C, VCC=10 V
Symbol
Min
Typ
Max
Unit
Condition
Emitter
Forward Voltage
VF
1.1
1.5
V
IF=10 mA
Reverse Voltage
VR
6V
IR= 10 µA
Reverse Current
IR
0.01
10
µAV
R=6 V
Capacitance
CO
25
pF
VR=0 V, f=1 MHz
Thermal Resistance
RthJA
750
K/W
Detector
Voltage
Collector-Emitter
Emitter-Base
BVCER
BVBEO
300
7
V
V
ICE=1 mA, RBE=1 MΩ
IEB=10 µA
Capacitance
CCE
CCB
CEB
7
8
38
pF
pF
pF
VCE=10 V, f=1 MHz
VCB=10 V, f=1 MHz
VEB=5 V, f=1 MHz
Thermal Resistance
RthJA
250
K/W
Package
Coupling Capacitance
CC
0.6
pF
Coupling Transfer Ratio
SFH 640-1
SFH 640-2
SFH 640-3
IC/IF
IC/IF
IC/IF
40
13
63
22
100
34
30
45
70
80
125
200
%
%
%
IF=10 mA, VCE=10 V
IF=1 mA, VCE=10 V
IF=10 mA, VCE=10 V
IF=1 mA, VCE=10 V
IF=10 mA, VCE=10 V
IF=1 mA, VCE=10 V
Saturation Voltage, Collector-Emitter
SFH 640-1
SFH 640-2
SFH 640-3
VCEsat
VCEsat
VCEsat
0.25
0.25
0.25
0.4
0.4
0.4
V
V
V
IF= 10 mA, IC=2 mA
IF= 10 mA, IC=3.2 mA
IF=10 mA, IC=5 mA
Leakage Current, Collector-Emitter
ICER
1
100
nA
VCE=200 V, RBE=1 MΩ
Description
Symbol
Values
Unit
Turn-On Time
tON
5
µs
Rise Time
tR
2.5
µs
Turn-Off Time
tOFF
6
µs
Fall Time
tF
5.5
µs
I
F
47
Ω
R
L
I
C
V
CC
OUTPUT
0
10%
50%
90%
90%
50%
10%
ton
toff
tpdof
tpdon
td
tr
ts
tr
INPUT
0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com