Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH640 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # SFH640
Description  PHOTOTRANSISTOR 5.3 KV TRIOS HIGH BV CER VOLTAGE OPTOCOUPLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH640 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  SFH640 Datasheet HTML 1Page - Siemens Semiconductor Group SFH640 Datasheet HTML 2Page - Siemens Semiconductor Group SFH640 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
5–1
FEATURES
• CTR at IF=10 mA, VCE=10 V
SFH640-1, 40-80%
SFH640-2, 63-125%
SFH640-3*, 100-200%
• Good CTR Linearity with Forward Current
• Low CTR Degradation
• Very High Collector-Emitter Breakdown Volt-
age, BVCER=300 V
• Isolation Test Voltage: 5300 VACRMS
• Low Coupling Capacitance
• High Common Mode Transient Immunity
• Phototransistor Optocoupler
6 Pin DIP Package with Base Connection
• Field Effect Stable: TRIOS+
•
VDE 0884 Available with Option 1
• Underwriters Lab File #E52744
DESCRIPTION
The SFH 640 is an optocoupler with very high
BVCER, a minimum of 300 volts. It is intended for
telecommunications applications or any DC appli-
cation requiring a high blocking voltage. The
SFH640 is a “better than” replacement for H11D1.
*Supplies from this group can't always be guranteed due
to unforseeable yield spread.
+TRIOS–TRansparent IOn Shield
V
DE
SFH 640
PHOTOTRANSISTOR
5.3 KV TRIOS® HIGH BVCER VOLTAGE
OPTOCOUPLER
Maximum Ratings (TA=25°C)
Emitter
Reverse Voltage ...................................................................................6 V
DC Forward Current ....................................................................... 60 mA
Surge Forward Current (tp
≤10 µs) .................................................. 2.5 A
Total Power Dissipation ............................................................... 100 mW
Detector
Collector-Emitter Voltage ................................................................ 300 V
Collector-Base Voltage .....................................................................300 V
Emitter-Base Voltage ..........................................................................7 V
Collector Current ........................................................................... 50 mA
Surge Collector Current (tp
≤1 ms) ............................................... 100 mA
Total Power Dissipation ............................................................... 300 mW
Package
Isolation Test Voltage (between emitter and
detector, refer to climate DIN 40046 part 2
Nov. 74) ...................................................... 5300 VACRMS/7500 VACPK
Isolation Resistance
VIO=500 V, TA=25°C .........................................................................≥10
12
Ω
VIO=500 V, TA=100°C.......................................................................≥10
11
Ω
Insulation Thickness between Emitter and Detector ..................
≥0.4 mm
Creepage
.................................................................................................≥7 mm
Clearance
.................................................................................................≥7 mm
Comparative Tracking Index
per DIN IEC 112/VDE 0303, part1 ................................................... 175
Storage Temperature Range .......................................... -55
°C to +150°C
Operating Temperature Range....................................... -55
°C to +100°C
Junction Temperature...................................................................... 100
°C
Soldering Temperature (max. 10 sec., dip soldering:
distance to seating plane
≥1.5 mm) .............................................260°C
Dimensions in inches (mm)
.010 (.25)
.014 (.35)
.110 (2.79)
.150 (3.81)
.130 (3.30)
.150 (3.81)
.020 (.051) min.
.300 (7.62)
typ.
.031 (0.80)
.035 (0.90)
.100 (2.54) typ.
.039
(1.00)
Min.
.018 (0.45)
.022 (0.55)
.248 (6.30)
.256 (6.50)
.335 (8.50)
.343 (8.70)
Pin One ID
6
5
4
1
2
3
18
° typ.
.300 (7.62)
.347 (8.82)
4
°
typ.
1
2
3
6
5
4
Base
Collector
Emitter
Anode
Cathode
NC


Similar Part No. - SFH640

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH640 VISHAY-SFH640 Datasheet
124Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection, 300 V BVCEO
01-Dec-05
SFH640 VISHAY-SFH640 Datasheet
203Kb / 10P
Optocoupler, Phototransistor Output, With Base Connection, 300 V BVCEO
02-Dec-2020
SFH640 VISHAY-SFH640 Datasheet
204Kb / 10P
Optocoupler, Phototransistor Output, With Base Connection, 300 V BVCEO
02-Dec-2020
SFH640-1 VISHAY-SFH640-1 Datasheet
124Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection, 300 V BVCEO
01-Dec-05
SFH640-2 VISHAY-SFH640-2 Datasheet
124Kb / 7P
Optocoupler, Phototransistor Output, with Base Connection, 300 V BVCEO
01-Dec-05
More results

Similar Description - SFH640

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6135 VISHAY-SFH6135 Datasheet
448Kb / 4P
HIGH-SPEED 5.3 kV TRIOS OPTOCOUPLER
17-August-01
SFH618A VISHAY-SFH618A Datasheet
473Kb / 4P
Phototransistor, 5.3 kV TRIOS Low Current Input Optocoupler
17-August-01
logo
Siemens Semiconductor G...
CNY17 SIEMENS-CNY17 Datasheet
146Kb / 4P
TRIOS??PHOTOTRANSISTOR OPTOCOUPLER
SFH600 SIEMENS-SFH600 Datasheet
160Kb / 4P
TRIOS PHOTOTRANSISTOR OPTOCOUPLER
SFH601 SIEMENS-SFH601 Datasheet
159Kb / 4P
TRIOS PHOTOTRANSISTOR OPTOCOUPLER
SFH6016 SIEMENS-SFH6016 Datasheet
206Kb / 5P
5.3 KV TRIOS OPTOCOUPLER HIGH RELIABILITY
SFH608 SIEMENS-SFH608 Datasheet
103Kb / 3P
PHOTOTRANSISTOR, 5.3 KV, TRIOS LOW CURRENT OPTOCOUPLER
SFH620A SIEMENS-SFH620A Datasheet
93Kb / 3P
5.3 kV TRIOS OPTOCOUPLER AC VOLTAGE INPUT
SFH620AA SIEMENS-SFH620AA Datasheet
74Kb / 3P
5.3 kV TRIOS Optocoupler AC Voltage Input
logo
Infineon Technologies A...
SFH610A INFINEON-SFH610A Datasheet
426Kb / 3P
5.3 kV TRIOS Optocoupler High Reliability
March 27, 2000-00
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com