Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH640 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # SFH640
Description  PHOTOTRANSISTOR 5.3 KV TRIOS HIGH BV CER VOLTAGE OPTOCOUPLER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SFH640 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  SFH640 Datasheet HTML 1Page - Siemens Semiconductor Group SFH640 Datasheet HTML 2Page - Siemens Semiconductor Group SFH640 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
5–3
SFH640
Figure 8. Permissible loss diode
IF= f(TA)
Figure 9. Permissible power dissipa-
tion PIOT=f(TA)
Figure 5. Output characteristics
(typ.) TA=25°C, ICE=f(VCE, IF)
Figure 6. Transistor capacitances
(typ.) TA=25°C, f=1 MHz, CCE=f(VCE)
CCB=f (VCB), CEB=f (VEB)
Figure 7. Collector-emitter leakage
current (typ.) IF=0, RBE=1 MW,
ICER=f(VCE)
Figure 2. Current transfer ratio (typ.)
VCE=10 V, TA=25°C, normalized to
IF=10 mA, NCTR=f(IF)
Figure 3. Diode forward voltage (typ.)
VF=f(IF,TA)
Figure 4. Output characteristics (typ.)
TA=25°C, ICE=f(VCE, IB)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com