Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI3C16225 Datasheet (PDF) - Pericom Semiconductor Corporation

PI3C16225 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI3C16225
Download  PI3C16225 Download
File Size   310.66 Kbytes
Page   4 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V, High Bandwidth, Low Capacitance 12-Bit to 24-Bit Mux/Demux Bus Switch (16292 Pinout)

PI3C16225 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3C16225 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI3C16225
Download  PI3C16225 Click to download

File Size   310.66 Kbytes
Page   4 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V, High Bandwidth, Low Capacitance 12-Bit to 24-Bit Mux/Demux Bus Switch (16292 Pinout)

PI3C16225 Datasheet (HTML) - Pericom Semiconductor Corporation


PI3C16225 Product details

Product Description
Pericom Semiconductors PI3C series of bus switch circuits are produced using the Companys advanced submicron CMOS technology, achieving industry performance.
The PI3C16225 is a 12-bit to 24-bit, multiplexer/demultiplexer bus switch that provides industry leading advantages such as almost zero propagation delay of 500ps owing to 9ohm channel resistance and low I/O capacitance. A1 port demultiplexes to either B1 or B2 port and the switch is bidirectional.

Product Features
• RON is 9 Ohm typical
• Pulldown on B ports
• Near-Zero Propagation Delay
• Industrial Operation Temperature –40C to +85C
• Switching speed: 4.5ns max (for 3.3V operation)
• Channel ON capacitance: 9pF typ.
• VCCOperating Range: +2V to +3.6V
• >100 MHz bandwidth
• Packages Available:
    - 56-pin TSSOP (A)

Applications
• Provides Memory Module Switching




Similar Part No. - PI3C16225

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C16226 PERICOM-PI3C16226 Datasheet
359Kb / 4P
3.3V, High-Bandwidth, 12-Bit to 24-Bit Mux/Demux Bus Switch
PI3C16226B PERICOM-PI3C16226B Datasheet
359Kb / 4P
3.3V, High-Bandwidth, 12-Bit to 24-Bit Mux/Demux Bus Switch
More results


Similar Description - PI3C16225

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C32160 PERICOM-PI3C32160 Datasheet
284Kb / 4P
3.3V, High Bandwidth,16:32-Bit, PCI Hot-Plug Mux/Demux Bus Switch
PI3B16224 PERICOM-PI3B16224 Datasheet
67Kb / 3P
3.3V, 12-Bit to 24-Bit DeMux/Mux NanoSwitch
PI3B16226 PERICOM-PI3B16226 Datasheet
186Kb / 3P
3.3V, Low Capacitance 12-Bit to 24-Bit Mux/DeMux NanoSwitch
PI3C16226 PERICOM-PI3C16226 Datasheet
359Kb / 4P
3.3V, High-Bandwidth, 12-Bit to 24-Bit Mux/Demux Bus Switch
PI3C16234 PERICOM-PI3C16234 Datasheet
333Kb / 4P
3.3V, High Bandwidth, 16-Bit to 32-Bit Mux/Demux BusSwitch
logo
Integrated Device Techn...
IDT74CBTLV16214 IDT-IDT74CBTLV16214 Datasheet
74Kb / 5P
LOW-VOLTAGE 12-BIT 3:1 MUX / DEMUX BUS SWITCH
logo
Pericom Semiconductor C...
PI3C16211 PERICOM-PI3C16211 Datasheet
398Kb / 4P
3.3V HIGH BANDWIDTH 24-BIT BUS SWITCH
PI3C16212 PERICOM-PI3C16212 Datasheet
118Kb / 4P
3.3V, High Bandwidth, 24-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDTQS3VH16211 IDT-IDTQS3VH16211_13 Datasheet
244Kb / 8P
2.5V / 3.3V 24-BIT HIGH BANDWIDTH BUS SWITCH
logo
STMicroelectronics
ST3DV520A STMICROELECTRONICS-ST3DV520A Datasheet
457Kb / 21P
High bandwidth switch with 20- to 10-bit MUX/DEMUX
17-Jan-2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com