Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUM2C-R Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

CUM2C-R Datasheet PDF - Mean Well Enterprises Co., Ltd.
Part # CUM2C-R
Download  CUM2C-R Download
File Size   1074.59 Kbytes
Page   10 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description Multi-Industry General Purpose Smart Controller

CUM2C-R Datasheet (PDF)

Go To PDF Page Download Datasheet
CUM2C-R Datasheet PDF - Mean Well Enterprises Co., Ltd.

Part # CUM2C-R
Download  CUM2C-R Click to download

File Size   1074.59 Kbytes
Page   10 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description Multi-Industry General Purpose Smart Controller

CUM2C-R Datasheet (HTML) - Mean Well Enterprises Co., Ltd.


CUM2C-R Product details

Features
* Integration on system power
* 2models in 3U 19-inch rackmount and standalone
configurations.
* 7" touch Panel and buttons for easy on-site operation
* Ethernet port for on-site or remote monitor and control over
the system
* Selectable PMBus, CANbus, RS-485, and RS-232
communication protocols.
* Support Data/ Event log with date and time
* Support max. 32G SDHC SD card
* Four user programmable relay outputs for conventional
remote monitoring or warning
* Web-based monitor/control Ul provided for various applications
* 5 years warranty




Similar Part No. - CUM2C-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
CUM-4537L-R PUI-CUM-4537L-R Datasheet
59Kb / 1P
MICROPHONE
logo
Schneider Electric
CUM400CB SCHNEIDER-CUM400CB Datasheet
79Kb / 2P
Combination service entrance, meter main, UG, 400 A, single phase, Class 320 with a manual bypass
logo
Winchester Electronics ...
CUMI11FSL1C WINCHESTER-CUMI11FSL1C Datasheet
800Kb / 4P
COMPOSITE OUTLINE ASSY, UMI M/F CONNECTOR
CUMI11FWCFC WINCHESTER-CUMI11FWCFC Datasheet
800Kb / 4P
COMPOSITE OUTLINE ASSY, UMI M/F CONNECTOR
CUMI14BFWC WINCHESTER-CUMI14BFWC Datasheet
800Kb / 4P
COMPOSITE OUTLINE ASSY, UMI M/F CONNECTOR
More results


Similar Description - CUM2C-R

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PSB2121 SIEMENS-PSB2121 Datasheet
222Kb / 13P
General-Purpose Power Controller
logo
Holtek Semiconductor In...
HT761X HOLTEK-HT761X Datasheet
164Kb / 11P
General Purpose PIR Controller
24th Mar 97
logo
List of Unclassifed Man...
GPC150 ETC-GPC150 Datasheet
1Mb / 103P
General Purpose Controller Z84C15
logo
Holtek Semiconductor In...
HT7612 HOLTEK-HT7612 Datasheet
276Kb / 18P
General Purpose PIR Controller
November 12, 2009
HT761X HOLTEK-HT761X_09 Datasheet
154Kb / 12P
General Purpose PIR Controller
October 12, 2009
HT7612 HOLTEK-HT7612_10 Datasheet
257Kb / 18P
General Purpose PIR Controller
HT7612 HOLTEK-HT7612_11 Datasheet
298Kb / 20P
General Purpose PIR Controller
HT7610A HOLTEK-HT7610A_13 Datasheet
181Kb / 13P
General Purpose PIR Controller
March 21, 2013
logo
Omron Electronics LLC
G8HN OMRON-G8HN_V01 Datasheet
214Kb / 3P
General, multi-purpose relay
logo
Black Box Registered Tr...
BB-400 BLACKBOX-BB-400 Datasheet
2Mb / 8P
BB-400 NeuronEdge Smart Controller for Industry 4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com