Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7612 Datasheet (PDF) - Holtek Semiconductor Inc

HT7612 Datasheet PDF - Holtek Semiconductor Inc
Part # HT7612
Download  HT7612 Download
File Size   276.88 Kbytes
Page   18 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description General Purpose PIR Controller

HT7612 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT7612 Datasheet PDF - Holtek Semiconductor Inc

Part # HT7612
Download  HT7612 Click to download

File Size   276.88 Kbytes
Page   18 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description General Purpose PIR Controller

HT7612 Datasheet (HTML) - Holtek Semiconductor Inc


HT7612 Product details

General Description

The HT7612/HT7612B is PIR controller specifically designed to interface to PIR sensors to implement motion

sensing application products such as intruder alarms. The controller has the features of PIR sensitivity adjust

ment and a CDS can be connected to the controller for automatic detection. The HT7612/HT7612B is available

in low profile NSOP & DIP packages.



Features

Operating voltage: 2.7V ~ 5.5V

Standby current typical:

  HT7612: 17A

  HT7612B: 19A

CDS input

CDS debounce time:

  HT7612: 15~20 seconds

  HT7612B: < 3 seconds

High noise immunity

40 second power-on delay

10 second high speed warm-up for test mode

1~3783 second adjustable PIR turn on time.

Output drive for Relay, TRIAC and LED

Output drive buzzer alarm

Low voltage detector

Override function

16-pin DIP/NSOP packages



Applications

PIR light control

Motion detectors

Alarm system

Auto door bells




Similar Part No. - HT7612

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7612 HOLTEK-HT7612 Datasheet
257Kb / 18P
General Purpose PIR Controller
HT7612 HOLTEK-HT7612 Datasheet
298Kb / 20P
General Purpose PIR Controller
HT7612B HOLTEK-HT7612B Datasheet
298Kb / 20P
General Purpose PIR Controller
HT7612 HOLTEK-HT7612_10 Datasheet
257Kb / 18P
General Purpose PIR Controller
HT7612 HOLTEK-HT7612_11 Datasheet
298Kb / 20P
General Purpose PIR Controller
More results


Similar Description - HT7612

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT761X HOLTEK-HT761X Datasheet
164Kb / 11P
General Purpose PIR Controller
24th Mar 97
logo
List of Unclassifed Man...
WT8072 ETC-WT8072 Datasheet
53Kb / 5P
PIR CONTROLLER
M7610 ETC-M7610 Datasheet
106Kb / 3P
PIR CONTROLLER
logo
Holtek Semiconductor In...
HT761X HOLTEK-HT761X_09 Datasheet
154Kb / 12P
General Purpose PIR Controller
October 12, 2009
HT7612 HOLTEK-HT7612_10 Datasheet
257Kb / 18P
General Purpose PIR Controller
HT7612 HOLTEK-HT7612_11 Datasheet
298Kb / 20P
General Purpose PIR Controller
HT7610A HOLTEK-HT7610A_13 Datasheet
181Kb / 13P
General Purpose PIR Controller
March 21, 2013
HT7612 HOLTEK-HT7612_12 Datasheet
3Mb / 23P
General Purpose PIR Controller
July 16, 2012
logo
Silvan Chip Electronics...
BISS0001 SILVAN-BISS0001 Datasheet
168Kb / 2P
PIR CONTROLLER
CS9803 SILVAN-CS9803 Datasheet
170Kb / 3P
PIR CONTROLLER
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com