Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7612 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7612
Description  General Purpose PIR Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7612 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7612 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7612 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7612 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7612 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7612 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7612 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7612 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7612 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7612 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Pin Assignment
Pin Description
Pin Name
I/O
Mask
Option
Description
OP1P
I
PMOS
OP1 Non-inverting Input
OP1N
I
PMOS
OP1 Inverting Input
OP1O
O
CMOS
OP1 Output
OP2N
I
PMOS
OP2 Inverting Input
OP2O
O
CMOS
OP2 Output
Vref
O
NMOS
Reference Voltage
DT
I
PMOS
Delay time oscillator input. Connected to an external RC to adjust the output dura-
tion.
TEST/SC
O
CMOS
TEST and SC share the same pin.
TEST is used to test the 32 Khz system frequency.
SC is used to detect LVD and CDS.
VSS
¾¾
Negative power supply, ground
VDD
¾¾
Positive power supply
RELAY/LED
O
CMOS
RELAY and LED share the same pin.
Active high - a RELAY is driven through an external NPN transistor.
BUZ/CDS
I/O
CMOS
BUZ and CDS share the same pin.
The BUZ output can drive a piezo buzzer.
CDS is connected to a CDS voltage divider for daytime/night auto-detection. A low
input to this pin can disable the PIR input. CDS is a Schmitt trigger input with a
15~20second debounce time.
BUZ/LVD
I/O
CMOS
BUZ and LVD share the same pin.
The BUZ output can drive a piezo buzzer
LVD is used as an input low voltage detector.
ZC
I
¾
AC zero crossing detector input.
TRIAC
O
CMOS
TRIAC output drive. The output is a pulse output when active.
MODE
I
CMOS
Operating mode selection input.
VDD: Output is always ON
VSS: Output is always OFF
Open: Auto detection
Test Mode Input.
HT7612
Rev. 1.00
2
November 12, 2009
H T 7 6 1 2
1 6 D I P - A / N S O P - A
T E S T / S C
Z C
B U Z / L V D
B U Z / C D S
M O D E
R E L A Y / L E D
T R I A C
V D D
O P 1 P
O P 1 N
O P 1 O
O P 2 N
O P 2 O
V R E F
D T
V S S
1 6
1 5
1 4
1 3
1 2
1 1
1 0
9
1
2
3
4
5
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com