Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX71M Datasheet (PDF) - Renesas Technology Corp

RX71M Datasheet PDF - Renesas Technology Corp
Part # RX71M
Download  RX71M Download
File Size   1880.66 Kbytes
Page   164 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory

RX71M Datasheet (PDF)

Go To PDF Page Download Datasheet
RX71M Datasheet PDF - Renesas Technology Corp

Part # RX71M
Download  RX71M Click to download

File Size   1880.66 Kbytes
Page   164 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory

RX71M Datasheet (HTML) - Renesas Technology Corp


RX71M Product details

Features
■ 32-bit RXv2 CPU core
 Max. operating frequency: 240 MHz
Capable of 480 DMIPS in operation at 240 MHz
 Single precision 32-bit IEEE-754 floating point
 Two types of multiply-and-accumulation unit (between memories
and between registers)
 32-bit multiplier (fastest instruction execution takes one CPU clock
cycle)
 Divider (fastest instruction execution takes two CPU clock cycles)
 Fast interrupt
 CISC Harvard architecture with 5-stage pipeline
 Variable-length instructions: Ultra-compact code
 Supports the memory protection unit (MPU)
 JTAG and FINE (one-line) debugging interfaces
■ Low-power design and architecture
 Single voltage supply: 2.7 to 3.6 V
 Low power consumption: A product that supports all peripheral
functions draws only 0.2mA/MHz (Typ.).
 RTC is capable of operation from a dedicated power supply.
 Four low-power modes
■ On-chip code flash memory
 Up to 4 Mbyte
 No wait states at up to 120 MHz or when the AFU is hit, one wait
state at above 120 MHz and when the AFU is missed
 User code is programmable by on-board or off-board programming.
 Background programming/erasing (BGO:Background operation)
■ On-chip data flash memory
 64 Kbytes, reprogrammable up to 100,000 times
 Background programming/erasing (BGO:Background operation)
■ On-chip SRAM
 512 Kbytes of SRAM (no wait states except in the 256 Kbytes from
0004 0000h to 0007 FFFFh when ICLK is set to 120 MHz or faster)
 32 Kbytes of RAM with ECC (single-error correction and double
error detection)
 8 Kbytes of standby RAM (backup on deep software standby)
■ Data transfer
 DMAC: 8 channels
 DTC
 EXDMAC: 2 channels
 DMAC for the Ethernet controller: 3 channels for 176- and 177-pin
products; 2 channels for 100-, 144-, and 145-pin products
■ Reset and supply management
 Power-on reset (POR)
 Low voltage detection (LVD) with voltage settings
■ Clock functions
 External crystal resonator or internal PLL for operation at 8 to 24
MHz
 Internal 240-kHz LOCO and HOCO selectable from 16, 18, and 20
MHz
 120-kHz clock for the IWDTa
■ Real-time clock
 Adjustment functions (30 seconds, leap year, and error)
 Real-time clock counting and binary counting modes are selectable
 Time capture function
(for capturing times in response to event-signal input)
■ Independent watchdog timer
 120-kHz (1/2 LOCO frequency) clock operation
■ Useful functions for IEC60730 compliance
 Oscillation-stoppage detection, frequency measurement, CRC,
IWDTa, self-diagnostic function for the A/D converter, etc.
 Register write protection function can protect values in important
registers against overwriting.




Similar Part No. - RX71M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX71M RENESAS-RX71M_15 Datasheet
1Mb / 228P
Renesas MCUs
More results


Similar Description - RX71M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX634 RENESAS-RX634 Datasheet
902Kb / 106P
54 MHz 32-bit RX MCU with FPU, 90 DMIPS, up to 2-Mbyte flash memory
RX72M RENESAS-RX72M Datasheet
1Mb / 158P
240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark
RX210 RENESAS-RX210 Datasheet
6Mb / 223P
50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com