Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX63T Datasheet (PDF) - Renesas Technology Corp

RX63T Datasheet PDF - Renesas Technology Corp
Part # RX63T
Download  RX63T Download
File Size   1874.83 Kbytes
Page   186 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,

RX63T Datasheet (PDF)

Go To PDF Page Download Datasheet
RX63T Datasheet PDF - Renesas Technology Corp

Part # RX63T
Download  RX63T Click to download

File Size   1874.83 Kbytes
Page   186 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,

RX63T Datasheet (HTML) - Renesas Technology Corp


RX63T Product details

Features
■ 32-bit RX CPU core
 Max. operating frequency: 100 MHz
Capable of 165 DMIPS in operation at 100 MHz
 Single precision 32-bit IEEE-754 floating point
 Two types of multiply-and-accumulation unit (between memories
and between registers)
 32-bit multiplier (fastest instruction execution takes one CPU clock
cycle)
 Divider (fastest instruction execution takes two CPU clock cycles)
 Fast interrupt
 CISC Harvard architecture with 5-stage pipeline
 Variable-length instructions: Ultra-compact code
 Supports the memory protection unit (MPU)
 Two types of debugging interfaces: JTAG and FINE (two-line)
■ Low-power design and architecture
 Single 3.3-V supply or single 5-V supply; 3.3-V products can be
used with a 5-V analog power supply
 Four low-power modes
■ On-chip main flash memory, no wait states
 100-MHz operation, 10-ns read cycle (no wait states)
 Max. 512 Kbytes
 User code is programmable by USB, SCI, or JTAG.
■ On-chip data flash memory
 Max. 32 Kbytes, reprogrammable up to 100,000 times
 Programming/erasing as background operations (BGOs)
■ On-chip SRAM, no wait states
 Max. 48 Kbytes
 For instructions and operands
■ DMA
 DMA: Incorporates four channels
 DTC: A single unit can handle transfer on multiple channels.
■ Reset and supply management
 Power-on reset (POR)
 Low voltage detection (LVD) with voltage settings
■ Clock functions
 External crystal oscillator or internal PLL for operation at 4 to 12.5
MHz
 Internal 125-kHz LOCO
 Dedicated 125-kHz LOCO for the IWDT
■ Independent watchdog timer
 125-kHz LOCO clock operation
■ Useful functions for IEC60730 compliance
 Oscillation-stop detection, frequency measurement, CRC, IWDT,
self-diagnostic function for the A/D converter, etc.
■ External address space
 4 CS areas (4 × 1 Mbyte)
 Multiplexed address data or separate address lines are selectable per
area.
 8- or 16-bit bus space is selectable per area.
■ Up to 11 communications interfaces
 USB 2.0 full-speed function interface (1 channel)
 CAN (compliant with ISO11898-1), incorporating 32 mailboxes (1
channel)
 SCI with multiple functionalities (5 channels)
Choose from among asynchronous mode, clock-synchronous mode,
smart-card interface mode, simple SPI, simple I2C, and extended
serial mode.
 I2C bus interface for SMBus (2 channels)
 RSPI for high-speed transfer (2 channels)
■ Up to twenty 16-bit timers
 16-bit MTU3: 100-MHz operation, input capture, output compare,
three-phase complementary PWM waveform output (2 channels),
phase-counting mode (8 channels); complementary PWM does not
burden the CPU.
 16-bit GPT: 100-MHz operation, input capture, output compare, 4-
channel single-phase complementary PWM waveform output or 1-
channel three-phase complementary + 1-channel single-phase
complementary output, interlocking with comparator (counter
operation, PWM negation control), detection of abnormal oscillation
frequencies (useful for IEC60730 compliance)
(8 channels); complementary PWM does not burden the CPU.
 16-bit CMT (4 channels)
■ Generation of delays in PWM waveforms (for
products with the product ID code 1)
 The timing with which signals on the 16-bit GPT PWM output pin
rise and fall can be controlled with an accuracy of up to 312 ps (in
operation at 100 MHz).
■ Two A/D converters for 1-MHz operation, total of 8
channels
 Simultaneous sampling on 7 channels is possible with three units.
 Self-diagnosis function (useful for IEC60730 compliance)
 Two 12-bit ADCs: three sample-and-hold circuits, double data
registers, amplifier, comparator (8 channels)
 One 10-bit ADC (12 channels)
■ One A/D converter for 2-MHz operation, total of 20
channels
 One 10-bit ADC (20 channels)
■ 10-bit D/A converter: 2 channels
■ Digital Power Supply Controller-Dedicated
Calculation Function (for products with product ID
code 1)
 16-bit fixed-point calculation function that handles compensatory
calculations in the method of digital control for switched-mode
power supplies.
■ Register write protection function can protect values
in important registers against overwriting.
■ Up to 110 pins for GPIO
 Open drain, switchable driving ability
■ Operating temp. range
 –40C to +85C
 –40C to +105C




Similar Part No. - RX63T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX63T64 RENESAS-RX63T64 Datasheet
363Kb / 8P
Renesas Starter Kit Sample
RX63T RENESAS-RX63T_15 Datasheet
1Mb / 183P
Renesas MCUs
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
More results


Similar Description - RX63T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX62N RENESAS-RX62N Datasheet
1Mb / 25P
100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
RX72M RENESAS-RX72M Datasheet
1Mb / 158P
240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
RX72N RENESAS-RX72N Datasheet
2Mb / 179P
240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark
Rev.1.11 Feb 26, 2021
RX66N RENESAS-RX66N Datasheet
1Mb / 175P
120-MHz 32-bit RX MCU, on-chip double-precision FPU, 698 CoreMark
Feb 26, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com