Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RX72N Datasheet (PDF) - Renesas Technology Corp

RX72N Datasheet PDF - Renesas Technology Corp
Part # RX72N
Download  RX72N Download
File Size   2071.44 Kbytes
Page   179 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark

RX72N Datasheet (PDF)

Go To PDF Page Download Datasheet
RX72N Datasheet PDF - Renesas Technology Corp

Part # RX72N
Download  RX72N Click to download

File Size   2071.44 Kbytes
Page   179 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark

RX72N Datasheet (HTML) - Renesas Technology Corp


RX72N Product details

Features
■ 32-bit RXv3 CPU core
 Maximum operating frequency: 240 MHz
Capable of 1396 CoreMark in operation at 240 MHz
 Double-precision 64-bit IEEE-754 floating point
 A collective register bank save function is available.
 Supports the memory protection unit (MPU)
 JTAG and FINE (one-line) debugging interfaces
■ Low-power design and architecture
 Operation from a single 2.7- to 3.6-V supply
 RTC is capable of operation from a dedicated power supply.
 Four low-power modes
■ On-chip code flash memory
 Supports versions with up to 4 Mbytes of ROM
 No wait cycles at up to 120 MHz or when the ROM cache is hit,
one-wait state at above 120 MHz
 User code is programmable by on-board or off-board programming.
 Programming/erasing as background operations (BGOs)
 A dual-bank structure allows exchanging the start-up bank.
■ On-chip data flash memory
 32 Kbytes, reprogrammable up to 100,000 times
 Programming/erasing as background operations (BGOs)
■ On-chip SRAM
 1 Mbyte of SRAM (no wait states; however, if ICLK is at a
frequency above 120 MHz, access to locations in the 512 Kbytes of
SRAM from 0080 0000h to 0087 FFFFh requires one cycle of
waiting)
 32 Kbytes of RAM with ECC (single error correction/double error
detection)
 8 Kbytes of standby RAM (backup on deep software standby)
■ Data transfer
 DMACAa: 8 channels
 DTCb: 1 channel
 EXDMAC: 2 channels
 DMAC for the Ethernet controller: 3 channels
■ Reset and supply management
 Power-on reset (POR)
 Low voltage detection (LVD) with voltage settings
■ Clock functions
 External crystal resonator or internal PLL for operation at 8 to 24
MHz
 PLL for specific purposes
 Internal 240-kHz LOCO and HOCO selectable from 16, 18, and 20
MHz
 120-kHz clock for the IWDTa
■ Real-time clock
 Adjustment functions (30 seconds, leap year, and error)
 Real-time clock counting and binary counting modes are selectable
 Time capture function
(for capturing times in response to event-signal input)
■ Independent watchdog timer
 120-kHz clock operation
■ Useful functions for IEC60730 compliance
 Oscillation-stoppage detection, frequency measurement, CRCA,
IWDTa, self-diagnostic function for the A/D converter, etc.
 Register write protection function can protect values in important
registers against overwriting.




Similar Part No. - RX72N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX72N RENESAS-RX72N Datasheet
2Mb / 179P
Renesas MCUs
Rev.1.20 Nov 15, 2023
RX72N RENESAS-RX72N_V01 Datasheet
2Mb / 179P
Renesas MCUs
Rev.1.20 Nov 15, 2023
More results


Similar Description - RX72N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F562TAADFH RENESAS-R5F562TAADFH Datasheet
640Kb / 94P
100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX64M RENESAS-RX64M_16 Datasheet
2Mb / 228P
120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
RX66T RENESAS-RX66T Datasheet
2Mb / 201P
160-MHz, 32-bit RX MCU, on-chip FPU, 928 CoreMark, Supportive of 5V power supply,
RX72M RENESAS-RX72M Datasheet
1Mb / 158P
240-MHz 32-bit RX MCU, on-chip double-precision FPU, 1396 CoreMark
RX71M RENESAS-RX71M Datasheet
1Mb / 164P
240-MHz 32-bit RX MCU, on-chip FPU, 480 DMIPS, up to 4-MB flash memory
Rev.1.20 Oct 20, 2022
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
RX66N RENESAS-RX66N Datasheet
1Mb / 175P
120-MHz 32-bit RX MCU, on-chip double-precision FPU, 698 CoreMark
Feb 26, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com