Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV04K Datasheet (PDF) - STMicroelectronics

ST25DV04K Datasheet PDF - STMicroelectronics
Part # ST25DV04K_V02
Download  ST25DV04K Download
File Size   4070.14 Kbytes
Page   197 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability

ST25DV04K Datasheet (PDF)

Go To PDF Page Download Datasheet
ST25DV04K Datasheet PDF - STMicroelectronics

Part # ST25DV04K_V02
Download  ST25DV04K Click to download

File Size   4070.14 Kbytes
Page   197 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability

ST25DV04K Datasheet (HTML) - STMicroelectronics


ST25DV04K Product details

Features
■ I2C interface
■ Two-wire I2C serial interface supports 1 MHz protocol
■ Single supply voltage: 1.8 to 5.5 V
■ Multiple byte programming (up to 256 bytes)
■ Contactless interface
■ Based on ISO/IEC 15693
■ NFC Forum Type 5 tag, certified by the NFC Forum
■ Supports all ISO/IEC 15693 modulations, coding, sub-carrier modes and data
■ rates
■ Custom fast read access up to 53 Kbit/s
■ Single and multiple blocks read (same for extended commands)
■ Single and multiple (up to 4) blocks write (same for extended commands)
■ Internal tuning capacitance: 28.5 pF
■ Memory
■ Up to 64 kbits of EEPROM (depending on version)
■ I2C interface accesses bytes
■ RF interface accesses blocks of 4 bytes
■ Write time:
■ From I2C: typical 5 ms for 1 byte
■ From RF: typical 5 ms for 1 block
■ Data retention: 40 years
■ Write cycles endurance:
■ 1 million at 25 °C
■ 600 k at 85 °C
■ 500 k at 105 °C
■ 400 k at 125 °C
■ Fast transfer mode
■ Fast data transfer between I2C and RF interfaces
■ Half-duplex 256-byte dedicated buffer
■ Energy harvesting
■ Analog output pin to power external components
■ Data protection
■ User memory: one to four configurable areas, protectable in read and/or write by three 64-bit passwords in RF, and one 64-bit password in I2C
■ System configuration: protected in write by one 64-bit password in RF, and one 64-bit password in I2C SO8 TSSOP8 UFDFPN8 WLCSP10 Wafer UFDFPN12 Product status link ST25DV04K ST25DV16K ST25DV64K Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability ST25DV04K ST25DV16K ST25DV64K Datasheet DS10925 - Rev 11 - January 2023 For further information contact your local STMicroelectronics sales office.




Similar Part No. - ST25DV04K_V02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST25DV04K STMICROELECTRONICS-ST25DV04K_V01 Datasheet
2Mb / 200P
Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
Rev 9
More results


Similar Description - ST25DV04K_V02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24LR64-RDW6T-2 STMICROELECTRONICS-M24LR64-RDW6T-2 Datasheet
3Mb / 121P
Dynamic NFC/RFID tag IC with 64-Kbit EEPROM with I²C bus and ISO 15693 RF interface
13-Jun-2013
ST25TA16K STMICROELECTRONICS-ST25TA16K Datasheet
591Kb / 45P
NFC Forum Type 4 Tag IC with 16-Kbit EEPROM
05-May-2015
ST25TA64K STMICROELECTRONICS-ST25TA64K Datasheet
587Kb / 45P
NFC Forum Type 4 Tag IC with 64-Kbit EEPROM
17-Apr-2015
M24SR02-Y STMICROELECTRONICS-M24SR02-Y Datasheet
1Mb / 90P
Dynamic NFC/RFID tag IC with 2-Kbit EEPROM, NFC Forum Type 4 Tag and I²C interface
February 2017 Rev 10
ST25DV04K STMICROELECTRONICS-ST25DV04K Datasheet
2Mb / 220P
Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM,and fast transfer mode capability
19-Dec-2017
ST25DV02K-W1 STMICROELECTRONICS-ST25DV02K-W1 Datasheet
912Kb / 74P
Dynamic NFC/RFID tag IC with up to two PWM outputs and 2-Kbit EEPROM
30-Aug-2019
ST25DV04KC STMICROELECTRONICS-ST25DV04KC Datasheet
2Mb / 203P
Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
Rev 3
ST25DV04K STMICROELECTRONICS-ST25DV04K_V01 Datasheet
2Mb / 200P
Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, and fast transfer mode capability
Rev 9
ST25TV16K STMICROELECTRONICS-ST25TV16K Datasheet
1Mb / 87P
NFC Type 5 / RFID tag IC with 16-Kbit or 64-Kbit EEPROM and protection
03-Jan-2023
ST25TV04K-P STMICROELECTRONICS-ST25TV04K-P Datasheet
2Mb / 107P
NFC Type 5 / RFID tag IC with 4-Kbit EEPROM and protection
03-Jan-2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com