Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24SR02-Y Datasheet (PDF) - STMicroelectronics

M24SR02-Y Datasheet PDF - STMicroelectronics
Part # M24SR02-Y
Download  M24SR02-Y Download
File Size   1537.74 Kbytes
Page   90 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dynamic NFC/RFID tag IC with 2-Kbit EEPROM, NFC Forum Type 4 Tag and I²C interface

M24SR02-Y Datasheet (PDF)

Go To PDF Page Download Datasheet
M24SR02-Y Datasheet PDF - STMicroelectronics

Part # M24SR02-Y
Download  M24SR02-Y Click to download

File Size   1537.74 Kbytes
Page   90 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dynamic NFC/RFID tag IC with 2-Kbit EEPROM, NFC Forum Type 4 Tag and I²C interface

M24SR02-Y Datasheet (HTML) - STMicroelectronics


M24SR02-Y Product details

Description
M24SR02-Y belongs to the ST25 family which includes all STMicroelectronics NFC/RFID tag and reader products.
The M24SR02-Y device is a dynamic NFC/RFID tag IC with a dual interface. It embeds an EEPROM memory. It can be operated from an I2C interface or by a 13.56 MHz RFID reader or an NFC phone.
The I2C interface uses a two-wire serial interface, consisting of a bidirectional data line and a clock line. It behaves as a slave in the I2C protocol.
The RF protocol is compatible with ISO/IEC 14443 Type A and NFC Forum Type 4 Tag.

Features
I2C interface
• Two-wire I2C serial interface supports
   1 MHz protocol
• Single supply voltage: 2.7 V to 5.5 V

Contactless interface
• NFC Forum Type 4 Tag
• ISO/IEC 14443 Type A
• 106 Kbps data rate
• Internal tuning capacitance: 25 pF

Memory
• 256-byte (2-kbit) EEPROM
• Support of NDEF data structure
• Data retention: 200 years
• Write cycle endurance:
   – 1 million Write cycles at 25 °C
   – 600k Write cycles at 85 °C
• Read up to 246 bytes in a single command
• Write up to 246 bytes in a single command
• 7 bytes unique identifier (UID)
• 128 bits passwords protection

Package
• 8-lead small-outline package (SO8)
   ECOPACK2®
• TSSOP8 ECOPACK2®
• UFDFPN8 ECOPACK2®
• WFDFDN8 ECOPACK2®(1)(2)

Digital pad
• GPO: configurable General Purpose Output
• RF disable: activation/deactivation of RF
   commands

Temperature range
• From - 40 °C up to 85 °C




Similar Part No. - M24SR02-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24SR04-G STMICROELECTRONICS-M24SR04-G Datasheet
1Mb / 90P
Support of NDEF data structure
08-Feb-2017
M24SR04-Y STMICROELECTRONICS-M24SR04-Y Datasheet
1Mb / 90P
Support of NDEF data structure
08-Feb-2017
More results


Similar Description - M24SR02-Y

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3955 AMSCO-AS3955 Datasheet
1Mb / 111P
NFC Forum Compliant Dynamic Tag
logo
STMicroelectronics
SRTAG2K-D STMICROELECTRONICS-SRTAG2K-D Datasheet
1Mb / 51P
NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and RF Session digital output
24-Feb-2014
SRTAG2KL STMICROELECTRONICS-SRTAG2KL Datasheet
1Mb / 51P
NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
16-Jan-2015
ST25TA02K STMICROELECTRONICS-ST25TA02K Datasheet
886Kb / 50P
NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
05-May-2015
ST25TA16K STMICROELECTRONICS-ST25TA16K Datasheet
591Kb / 45P
NFC Forum Type 4 Tag IC with 16-Kbit EEPROM
05-May-2015
ST25TA64K STMICROELECTRONICS-ST25TA64K Datasheet
587Kb / 45P
NFC Forum Type 4 Tag IC with 64-Kbit EEPROM
17-Apr-2015
logo
ams AG
AS3956 AMSCO-AS3956 Datasheet
1Mb / 109P
NFC Forum Compliant Dynamic Tag
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
NFC Forum Compliant Dynamic Tag
2018-Nov-14
logo
STMicroelectronics
ST25TV04K-P STMICROELECTRONICS-ST25TV04K-P Datasheet
2Mb / 107P
NFC Type 5 / RFID tag IC with 4-Kbit EEPROM and protection
03-Jan-2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com