Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRTAG2KL Datasheet (PDF) - STMicroelectronics

SRTAG2KL Datasheet PDF - STMicroelectronics
Part # SRTAG2KL
Download  SRTAG2KL Download
File Size   1378.66 Kbytes
Page   51 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description NFC Forum Type 4 Tag IC with 2-Kbit EEPROM

SRTAG2KL Datasheet (PDF)

Go To PDF Page Download Datasheet
SRTAG2KL Datasheet PDF - STMicroelectronics

Part # SRTAG2KL
Download  SRTAG2KL Click to download

File Size   1378.66 Kbytes
Page   51 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description NFC Forum Type 4 Tag IC with 2-Kbit EEPROM

SRTAG2KL Datasheet (HTML) - STMicroelectronics


SRTAG2KL Product details

Description
The SRTAG2KL device is a NFC tag IC. It embeds an EEPROM memory. It can be operated from a 13.56 MHz RFID reader or an NFC phone.
The SRTAG2KL is an NFC Forum Type 4 Tag; it communicates using the ISO/IEC 14443 Type A protocol.

Features
Contactless interface
• NFC Forum Type 4 Tag
• ISO/IEC 14443 Type A
• 106 Kbps data rate
• Internal tuning capacitance: 50 pF

Memory
• 256-byte (2-kbit) EEPROM
• Support of NDEF data structure
• Data retention: 200 years
• Endurance: 1 million erase-write cycles
• Read up to 255 bytes in a single command
• Write up to 54 bytes in a single command
• Chaining capability
• 7 bytes unique identifier (UID)
• 128 bits passwords protection
• 20 bits event counter with anti-tearing




Similar Part No. - SRTAG2KL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRTAG2K-D STMICROELECTRONICS-SRTAG2K-D Datasheet
1Mb / 51P
NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and RF Session digital output
24-Feb-2014
More results


Similar Description - SRTAG2KL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRTAG2K-D STMICROELECTRONICS-SRTAG2K-D Datasheet
1Mb / 51P
NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and RF Session digital output
24-Feb-2014
SRTAG512L STMICROELECTRONICS-SRTAG512L Datasheet
1Mb / 51P
NFC Forum Type 4 Tag IC with 512 bits EEPROM
16-Mar-2015
ST25TA02K STMICROELECTRONICS-ST25TA02K Datasheet
886Kb / 50P
NFC Forum Type 4 Tag IC with 2-Kbit EEPROM
05-May-2015
ST25TA02K-D STMICROELECTRONICS-ST25TA02K-D Datasheet
1Mb / 64P
NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and general purpose digital output
03-Aug-2015
ST25TA02K-P STMICROELECTRONICS-ST25TA02K-P Datasheet
1Mb / 64P
NFC Forum Type 4 Tag IC with 2-Kbit EEPROM and General Purpose Digital Output
01-Jun-2015
ST25TA16K STMICROELECTRONICS-ST25TA16K Datasheet
591Kb / 45P
NFC Forum Type 4 Tag IC with 16-Kbit EEPROM
05-May-2015
ST25TA64K STMICROELECTRONICS-ST25TA64K Datasheet
587Kb / 45P
NFC Forum Type 4 Tag IC with 64-Kbit EEPROM
17-Apr-2015
ST25TA512 STMICROELECTRONICS-ST25TA512 Datasheet
884Kb / 50P
NFC Forum Type 4 Tag IC with 512 bits EEPROM
22-Apr-2015
M24SR02-Y STMICROELECTRONICS-M24SR02-Y Datasheet
1Mb / 90P
Dynamic NFC/RFID tag IC with 2-Kbit EEPROM, NFC Forum Type 4 Tag and I²C interface
February 2017 Rev 10
ST25TV04K-P STMICROELECTRONICS-ST25TV04K-P Datasheet
2Mb / 107P
NFC Type 5 / RFID tag IC with 4-Kbit EEPROM and protection
03-Jan-2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com