Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLQ015M15R Datasheet (PDF) - STMicroelectronics

STLQ015M15R Datasheet PDF - STMicroelectronics
Part # STLQ015M15R
Download  STLQ015M15R Download
File Size   519.81 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 150 mA, ultra low quiescent current linear voltage regulator

STLQ015M15R Datasheet (PDF)

Go To PDF Page Download Datasheet
STLQ015M15R Datasheet PDF - STMicroelectronics

Part # STLQ015M15R
Download  STLQ015M15R Click to download

File Size   519.81 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 150 mA, ultra low quiescent current linear voltage regulator

STLQ015M15R Datasheet (HTML) - STMicroelectronics


STLQ015M15R Product details

Description
The STLQ015 provides 150 mA of maximum current with an input voltage range from
1.5 V to 5.5 V and a typical dropout voltage of 112 mV. The key feature of this device
is its quiescent current, which is just 1.4 μA at maximum output current.The device is
stable with a ceramic capacitor on the output. It offers very low quiescent current and
extends battery-life of applications requiring very long standby time. The enable logic
control function puts the STLQ015 in shutdown mode, reducing total current
consumption to 1 nA. The device also includes short-circuit constant-current limiting
and thermal protection. Typical applications are: portable and battery-powered
systems, electronic sensors and microcontroller power supply.

Features
• Input voltage from 1.5 to 5.5 V
• Very low quiescent current:
– 1.0 μA (typ.) at no load
– 1.4 μA (typ.) at 150 mA load
– 1 nA (typ.) in OFF mode
– 200 nA max. in OFF mode at 125 °C
• Output voltage tolerance: ± 2% at 25 °C
• 150 mA guaranteed output current
• Wide range of output voltages: 0.8 V to 3.3 V in 100 mV steps
• Logic-controlled electronic shutdown
• Compatible with ceramic capacitor (COUT = 1 μF)
• Internal current and thermal limit
• Temperature range: from -40 °C to 125 °C

Application
• Mobile phones
• Digital still cameras (DSC)
• Battery-powered equipment
• Portable media players




Similar Part No. - STLQ015M15R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLQ015M15R STMICROELECTRONICS-STLQ015M15R Datasheet
1Mb / 17P
150 mA, ultra low quiescent current linear voltage regulator
02-Sep-2016
More results


Similar Description - STLQ015M15R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP121 AD-ADP121 Datasheet
986Kb / 20P
150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
logo
STMicroelectronics
LD39015XX STMICROELECTRONICS-LD39015XX Datasheet
302Kb / 16P
150 mA low quiescent current low noise voltage regulator
12-Feb-2009
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
150 mA, ultra-low quiescent current linear voltage regulator
20-Jan-2011
logo
Analog Devices
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
logo
Microchip Technology
MCP1711 MICROCHIP-MCP1711 Datasheet
1Mb / 36P
150 mA Ultra-Low Quiescent Current, Capacitorless LDO Regulator
07/14/15
logo
Texas Instruments
TPS782 TI1-TPS782_16 Datasheet
1Mb / 29P
500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
150 mA, ultra low quiescent current linear voltage regulator
02-Sep-2016
logo
Infineon Technologies A...
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com