Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP121 Datasheet (PDF) - Analog Devices

ADP121 Datasheet PDF - Analog Devices
Part # ADP121
Download  ADP121 Download
File Size   986.77 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 150 mA, Low Quiescent Current, CMOS Linear Regulator

ADP121 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP121 Datasheet PDF - Analog Devices

Part # ADP121
Download  ADP121 Click to download

File Size   986.77 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 150 mA, Low Quiescent Current, CMOS Linear Regulator

ADP121 Datasheet (HTML) - Analog Devices


ADP121 Product details

GENERAL DESCRIPTION
The ADP121 is a quiescent current, low dropout, linear regulator that operates from 2.3 V to 5.5 V and provides up to 150 mA of output current. The low 135 mV dropout voltage at 150 mA load improves efficiency and allows operation over a wide input voltage range. The low 30 μA of quiescent current at full load makes the ADP121 ideal for battery-operated portable equipment.
The ADP121 is available in output voltages ranging from 1.2 V to 3.3 V. The parts are optimized for stable operation with small 1 μF ceramic output capacitors. The ADP121 delivers good transient performance with minimal board area.
Short-circuit protection and thermal overload protection circuits prevent damage in adverse conditions. The ADP121 is available in a tiny 5-lead TSOT and 4-ball 0.4 mm pitch halide-free WLCSP packages and utilizes the smallest footprint solution to meet a variety of portable applications.

FEATURES
  Input voltage range: 2.3 V to 5.5 V
  Output voltage range: 1.2 V to 3.3 V
  Output current: 150 mA
  Low quiescent current
     IGND = 11 μA with 0 μA load
     IGND = 30 μA with 150 mA load
  Low shutdown current: <1 μA
  Low dropout voltage
     90 mV @ 150 mA load
  High PSRR
     70 dB @ 1 kHz at VOUT = 1.2 V
     70 dB @ 10 kHz at VOUT = 1.2 V
  Low noise: 40 μV rms at VOUT = 1.2 V
  No noise bypass capacitor required
  Output voltage accuracy: ±1%
  Stable with a small 1 μF ceramic output capacitor
  Current limit and thermal overload protection
  Logic controlled enable
  5-lead TSOT package
  4-ball 0.4 mm pitch WLCSP
 
APPLICATIONS
  Mobile phones
  Digital cameras and audio devices
  Portable and battery-powered equipment
  Post dc-to-dc regulation
  Post regulation




Similar Part No. - ADP121

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP121 AD-ADP121 Datasheet
122Kb / 5P
Low Power, Long Range, ISM Wireless Measuring Node
REV. A
ADP121 AD-ADP121 Datasheet
170Kb / 7P
Crest Factor, Peak, and RMS RF Power Measurement Circuit Optimized for High Speed, Low Power, and Single 3.3 V Supply
REV. 0
ADP121 AD-ADP121 Datasheet
667Kb / 20P
150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
ADP121-ACBZ12R7 AD-ADP121-ACBZ12R7 Datasheet
667Kb / 20P
150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
ADP121-ACBZ15R7 AD-ADP121-ACBZ15R7 Datasheet
667Kb / 20P
150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
More results


Similar Description - ADP121

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP120 AD-ADP120 Datasheet
535Kb / 20P
100 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. A
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
ADP160 AD-ADP160 Datasheet
513Kb / 20P
Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
logo
STMicroelectronics
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
150 mA, ultra-low quiescent current linear voltage regulator
20-Jan-2011
logo
Analog Devices
ADP160 AD-ADP160_12 Datasheet
528Kb / 24P
Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
Rev. G
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
150 mA, ultra low quiescent current linear voltage regulator
02-Sep-2016
logo
Analog Devices
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
150 mA, ultra low quiescent current linear voltage regulator
14-Feb-2020
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com