Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP120 Datasheet (PDF) - Analog Devices

ADP120 Datasheet PDF - Analog Devices
Part # ADP120
Download  ADP120 Download
File Size   535.61 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100 mA, Low Quiescent Current, CMOS Linear Regulator

ADP120 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP120 Datasheet PDF - Analog Devices

Part # ADP120
Download  ADP120 Click to download

File Size   535.61 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100 mA, Low Quiescent Current, CMOS Linear Regulator

ADP120 Datasheet (HTML) - Analog Devices


ADP120 Product details

GENERAL DESCRIPTION
The ADP120 is a low quiescent current, low dropout, linear regulator that operates from 2.3 V to 5.5 V and provides up to 100 mA of output current. The low 60 mV dropout voltage at 100 mA load improves efficiency and allows operation over a wide input voltage range. The low 25 μA of quiescent current at full load makes the ADP120 ideal for battery-operated portable equipment.

FEATURES
    Input voltage range: 2.3 V to 5.5 V
    Output voltage range: 1.2 V to 3.3 V
    Output current: 100 mA
    Low quiescent current IGND = 11 μA with zero load IGND = 22 μA with 100 mA load
    Low shutdown current: <1 μA
    Low dropout voltage 60 mV @ 100 mA load
    High PSRR 73 dB @ 1 kHz at VOUT = 1.2 V 70 dB @ 10 kHz at VOUT = 1.2 V
    Low noise: 40 μV rms at VOUT = 1.2 V
    No noise bypass capacitor required
    Initial accuracy: ±1%
    Stable with small 1 μF ceramic output capacitor
    16 fixed output voltage options
    Current-limit and thermal overload protection
    Logic controlled enable
    5-lead TSOT package
    4-ball 0.4 mm pitch WLCSP

APPLICATIONS
    Mobile phones
    Digital camera and audio devices
    Portable and battery-powered equipment
    Post regulation




Similar Part No. - ADP120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADP1201 ETC-ADP1201 Datasheet
72Kb / 4P
PRECISION SEMICONDUCTOR PRESSURE SENSOR
More results


Similar Description - ADP120

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9169 RICHTEK-RT9169 Datasheet
245Kb / 12P
100 mA, 4uA QUIESCENT CURRENT CMOS LDO REGULATOR
logo
Analog Devices
ADP121 AD-ADP121 Datasheet
986Kb / 20P
150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP130 AD-ADP130 Datasheet
491Kb / 20P
350 mA, Low VIN, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172 AD-ADP172_10 Datasheet
579Kb / 20P
300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP172_101 AD-ADP172_101 Datasheet
586Kb / 20P
300 mA, Low Quiescent Current CMOS Linear Regulator
REV. B
ADP160 AD-ADP160 Datasheet
513Kb / 20P
Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
ADP122ACPZ-2.6-R7 AD-ADP122ACPZ-2.6-R7 Datasheet
611Kb / 24P
5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
logo
Fortune Semiconductor C...
FS8844 FORTUNE-FS8844 Datasheet
691Kb / 10P
250 mA Low Quiescent Current LDO Linear Regulator
logo
Analog Devices
ADP172 AD-ADP172_V01 Datasheet
2Mb / 17P
300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com